Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2146 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2146
Description  PCS LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2146 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2146 Datasheet HTML 1Page - RF Micro Devices RF2146 Datasheet HTML 2Page - RF Micro Devices RF2146 Datasheet HTML 3Page - RF Micro Devices RF2146 Datasheet HTML 4Page - RF Micro Devices RF2146 Datasheet HTML 5Page - RF Micro Devices RF2146 Datasheet HTML 6Page - RF Micro Devices RF2146 Datasheet HTML 7Page - RF Micro Devices RF2146 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
!
2-147
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
BIAS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCC
GND
GND
RF IN
GND
GND
GND
GND
GND
GND
GND
RF OUT
RF OUT
GND
GND
PC
RF2146
PCS LINEAR POWER AMPLIFIER
• 4.8V CDMA PCS Handsets
• 4.8V TDMA PCS Handsets
• 4.8V PACS PCS Handsets
• Driver Amplifier in Cellular Base Stations
• Portable Battery-Powered Equipment
The RF2146 is a high-power, high-efficiency linear ampli-
fier IC. The device is manufactured on an advanced Gal-
lium Arsenide Heterojunction Bipolar Transistor (HBT)
process, and has been designed for use as the final RF
amplifier in 4-cell CDMA handheld digital cellular equip-
ment, spread-spectrum systems, and other applications
in the 1500MHz to 2000MHz band. The device is self-
contained with 50
Ω input and the output can be easily
matched to obtain optimum power, efficiency, and linear-
ity characteristics.
• Single 4V to 6.5V Supply
• 28.5dBm Linear Output Power
• 18.5dB Gain With Analog Gain Control
• 37% Linear Efficiency
• On-board Power Down Mode
• 1500MHz to 2000MHz Operation
RF2146
PCS Linear Power Amplifier
RF2146 PCBA
Fully Assembled Evaluation Board
2
Rev A3 001026
0.068
0.053
0.244
0.229
0.157
0.150
0.020
0.014
0.020
REF
-A-
0.008
0.004
0.068
0.064
0.393
0.386
0.034
REF
0.034
0.016
8° MAX
0° MIN
0.009
0.007
NOTES:
1. Shaded lead is pin 1.
2. All dimensions are excluding mold flash.
3. Lead coplanarity - 0.004 with respect to datum "A".
4. Max deviation from package center to leadframe center - 0.004.
5. Max misalignment between top center and bottom center - 0.004.
Package Style: CJ2BAT0


Similar Part No. - RF2146

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2140 RFMD-RF2140 Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2140PCBA RFMD-RF2140PCBA Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2145 RFMD-RF2145 Datasheet
76Kb / 6P
DCS1800/1900 POWER AMPLIFIER
RF2145PCBA RFMD-RF2145PCBA Datasheet
76Kb / 6P
DCS1800/1900 POWER AMPLIFIER
More results

Similar Description - RF2146

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
logo
Fairchild Semiconductor
RMBA19500 FAIRCHILD-RMBA19500 Datasheet
93Kb / 7P
PCS 2 Watt Linear GaAs MMIC Power Amplifier
logo
ANADIGICS, Inc
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.4
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.1
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
REV 0.1
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
Rev 2.0
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 1.0
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
Rev 2.0
logo
RF Micro Devices
RF2196 RFMD-RF2196_06 Datasheet
213Kb / 10P
3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_1 Datasheet
320Kb / 12P
3V PCS LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com