Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2146 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2146
Description  PCS LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2146 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2146 Datasheet HTML 1Page - RF Micro Devices RF2146 Datasheet HTML 2Page - RF Micro Devices RF2146 Datasheet HTML 3Page - RF Micro Devices RF2146 Datasheet HTML 4Page - RF Micro Devices RF2146 Datasheet HTML 5Page - RF Micro Devices RF2146 Datasheet HTML 6Page - RF Micro Devices RF2146 Datasheet HTML 7Page - RF Micro Devices RF2146 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2-148
RF2146
Rev A3 001026
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (No RF)
-0.5 to +8.0
VDC
Supply Voltage (POUT<30dBm)
-0.5 to +7.5
VDC
Power Control Voltage (VPC)
-0.5 to +5.0 or VCC
V
DC Supply Current
500
mA
Input RF Power
+15
dBm
Output Load VSWR
10:1
Ambient Operating Temperature
-30 to +90
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=4.8V, VPC=3.6V,
PIN=+10dBm, Freq=1880MHz
Usable Frequency Range
1500 to 2000
MHz
Linear Gain
18.5
19
dB
Maximum Linear Output Power
28.5
CDMA Modulation
Total Linear Efficiency
37
%
Input Power for 28 dBm
Output
+10
dBm
Adjacent Channel Power Rejec-
tion
-45
dBc
CDMA Modulation, +28 dBm Output,
At 1.25MHz Offset
Input VSWR
<2:1
Second Harmonic
-35
dBc
Including Second Harmonic Trap
Power Down
Off Isolation
25
dB
Turn On Time
200
ns
Up to -0.5 dB of Final Power
Turn Off Time
350
ns
Down to +0.5 dB of Final Power
Total Current
TBD
µA
“OFF” State
VPC “OFF” Voltage
0
0.2
V
Threshold Voltage at Input
VPC “ON” Voltage
3.4
3.6
4.0
V
Threshold Voltage at Input
Power Supply
Power Supply Voltage
4.0 to 6.5
V
Operating voltage
Current into VPC pin
13
mA
“ON” State
Idle Current
70
mA
VPC=3.6V, No RF Applied
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com