Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2302 Datasheet (PDF) - RF Micro Devices

RF2302 Datasheet PDF - RF Micro Devices
Part # RF2302
Download  RF2302 Download
File Size   164.21 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description BROADBAND LINEAR VARIABLE GAIN AMPLIFIER

RF2302 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2302 Datasheet PDF - RF Micro Devices

Part # RF2302
Download  RF2302 Click to download

File Size   164.21 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description BROADBAND LINEAR VARIABLE GAIN AMPLIFIER

RF2302 Datasheet (HTML) - RF Micro Devices


RF2302 Product details

Product Description
The RF2302 is a broadband linear variable gain amplifier that was designed specifically for digital communications systems that require linear amplification over a wide gain control range. It is suitable for use in CDMA or TDMA systems in the cellular or PCS band, in DAMPS systems, and in PDC systems.

Features
• 25dB Linear Gain Control range
• +14dBm OP1dB at 3.5V (836MHz)
• Single 3V to 6V Supply
• 14dB Max Gain at 836MHz
• 10dB Max Gain at 1900MHz
• 4dB Noise Figure at 836MHz

Typical Applications
• CDMA Cellular/PCS and JCDMA Systems
• TDMA Cellular/PCS Systems
• GSM Systems
• Wireless Local Loop Systems
• Wideband CDMA Systems
• PDC Systems (950MHz and 1450MHz)




Similar Part No. - RF2302

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2301 RFMD-RF2301 Datasheet
198Kb / 10P
HIGH ISOLATION BUFFER AMPLIFIER
RF2301PCBA RFMD-RF2301PCBA Datasheet
198Kb / 10P
HIGH ISOLATION BUFFER AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
241Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
327Kb / 8P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
More results


Similar Description - RF2302

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2376 RFMD-RF2376 Datasheet
112Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
Wideband, Low Power, Linear Variable Gain Amplifier
logo
RF Micro Devices
RF2376 RFMD-RF2376_06 Datasheet
131Kb / 8P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2376 RFMD-RF2376_1 Datasheet
277Kb / 10P
CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
M/A-COM Technology Solu...
MAAM-011100 MA-COM-MAAM-011100 Datasheet
369Kb / 7P
Broadband Variable Gain Amplifier
MAAM-011100 MA-COM-MAAM-011100_14 Datasheet
1Mb / 7P
Broadband Variable Gain Amplifier
logo
Texas Instruments
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
logo
Guerrilla RF, Inc.
GRF2012-W GUERRILLA-GRF2012-W Datasheet
849Kb / 14P
Broadband Linear Gain Block
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com