Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2301 Datasheet (PDF) - RF Micro Devices

RF2301 Datasheet PDF - RF Micro Devices
Part # RF2301
Download  RF2301 Download
File Size   198.1 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH ISOLATION BUFFER AMPLIFIER

RF2301 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2301 Datasheet PDF - RF Micro Devices

Part # RF2301
Download  RF2301 Click to download

File Size   198.1 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description HIGH ISOLATION BUFFER AMPLIFIER

RF2301 Datasheet (HTML) - RF Micro Devices


RF2301 Product details

Product Description
The RF2301 is a high reverse isolation buffer amplifier. The device is manufactured on a low-cost Gallium Arsenide MESFET process, and has been designed for use as a general purpose buffer in high-end communication systems operating at frequencies from less than 300MHz to higher than 2500MHz. With +5dBm output power, it may also be used as a driver in transmitter applications.

Features
• Single 2.7V to 6.0V Supply
• +4dBm Output Power
• 21dB Small Signal Gain
• 50dB Reverse Isolation at 900MHz
• Low DC Current Consumption of 14mA
• 300MHz to 2500MHz Operation

Typical Applications
• Local Oscillator Buffer Amplifiers
• FDD and TDD Communication Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
• Wireless LAN
• ISM Band Applications




Similar Part No. - RF2301

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2302PCBA-H RFMD-RF2302PCBA-H Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2302PCBA-L RFMD-RF2302PCBA-L Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
241Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
More results


Similar Description - RF2301

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2504 RFMD-RF2504 Datasheet
92Kb / 8P
VCO/HIGH-ISOLATION BUFFER AMPLIFIER
RF2506 RFMD-RF2506 Datasheet
77Kb / 6P
VHF/UHF VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-565P8 AVAGO-MGA-565P8 Datasheet
312Kb / 12P
High Isolation Buffer Amplifier
logo
Agilent(Hewlett-Packard...
MGA-565P8 HP-MGA-565P8 Datasheet
139Kb / 13P
Agilent MGA-565P8 20 dBm Psat High Isolation Buffer Amplifier
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
20 dBm Psat High Isolation Buffer Amplifier
MGA-565P8 BOARDCOM-MGA-565P8 Datasheet
312Kb / 12P
20 dBm Psat High Isolation Buffer Amplifier
logo
Analog Technologies, In...
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
High Voltage Isolation Amplifier
7/5/2021
ATIA202JY ANALOGTECHNOLOGIES-ATIA202JY Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com