Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2506 Datasheet (PDF) - RF Micro Devices

RF2506 Datasheet PDF - RF Micro Devices
Part # RF2506
Download  RF2506 Download
File Size   77.14 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description VHF/UHF VCO/HIGH-ISOLATION BUFFER AMPLIFIER

RF2506 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2506 Datasheet PDF - RF Micro Devices

Part # RF2506
Download  RF2506 Click to download

File Size   77.14 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description VHF/UHF VCO/HIGH-ISOLATION BUFFER AMPLIFIER

RF2506 Datasheet (HTML) - RF Micro Devices


RF2506 Product details

Product Description

The RF2506 is an integrated oscillator and buffer amplifier chain designed to achieve low sensitivity to fluctuations in load impedance and power supply noise, while maintaining superior phase noise performance. The IC offers great flexibility, yet is easy to use. This product was designed for use in applications with low supply voltages. It has a power-down feature and is designed to operate from 10MHz to 1000MHz with the help of an external resonator. Frequency control is achieved with an external varactor diode. The IC’s ease of use, reduced load pull ing, small size, and low cost make it an ideal LO (Local Oscillator) for wireless applications in the VHF/UHF range. The RF2506 was designed to operate with the 2.4GHz chipset; specifically with the IF portion of the RF2518 PLL/synthesizer.



Features

• High-Isolation/Reduced Load Pulling

• Low Current Consumption

• -7dBm Output Power

• Digitally Controlled Power Down Mode

• 10MHz to 1GHz Operating Range

• Single 2.7V to 3.6V Supply



Typical Applications

• Low Voltage

• Wireless LANs

• IF LO for 2.45GHz ISM Band Systems

• Wireless Local Loop

• Digital Cordless Phones



 




Similar Part No. - RF2506

ManufacturerPart #DatasheetDescription
logo
Mersen
RF250/RL250 MERSEN-RF250/RL250 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
RF Micro Devices
RF2504 RFMD-RF2504 Datasheet
92Kb / 8P
VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
Adam Technologies, Inc.
RF250D0050 ADAM-TECH-RF250D0050 Datasheet
154Kb / 1P
RF CONNECTORS
RF250D0075 ADAM-TECH-RF250D0075 Datasheet
154Kb / 1P
RF CONNECTORS
RF250DAS50 ADAM-TECH-RF250DAS50 Datasheet
154Kb / 1P
RF CONNECTORS
More results


Similar Description - RF2506

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBFJ309LT1 MOTOROLA-MMBFJ309LT1 Datasheet
165Kb / 6P
JFET VHF/UHF Amplifier Transistor
logo
STMicroelectronics
2N5179 STMICROELECTRONICS-2N5179 Datasheet
42Kb / 2P
VHF/UHF AMPLIFIER
logo
RF Micro Devices
RF2301 RFMD-RF2301 Datasheet
198Kb / 10P
HIGH ISOLATION BUFFER AMPLIFIER
RF2504 RFMD-RF2504 Datasheet
92Kb / 8P
VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
Toshiba Semiconductor
TA4002F TOSHIBA-TA4002F_07 Datasheet
320Kb / 5P
VHF~UHF Wide Band Amplifier
logo
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
WIDE BAND VHF/UHF AMPLIFIER
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
JFET VHF/UHF AMPLIFIER
logo
ON Semiconductor
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
logo
AVAGO TECHNOLOGIES LIMI...
MGA-565P8 AVAGO-MGA-565P8 Datasheet
312Kb / 12P
High Isolation Buffer Amplifier
logo
NXP Semiconductors
CA912 NXP-CA912 Datasheet
234Kb / 4P
VHF/UHF CATV Amplifier
REV 7
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com