Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2504 Datasheet (PDF) - RF Micro Devices

RF2504 Datasheet PDF - RF Micro Devices
Part # RF2504
Download  RF2504 Download
File Size   92.41 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description VCO/HIGH-ISOLATION BUFFER AMPLIFIER

RF2504 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2504 Datasheet PDF - RF Micro Devices

Part # RF2504
Download  RF2504 Click to download

File Size   92.41 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description VCO/HIGH-ISOLATION BUFFER AMPLIFIER

RF2504 Datasheet (HTML) - RF Micro Devices


RF2504 Product details

Product Description

The RF2504 is an integrated oscillator and buffer amplifier chain designed to achieve extremely low sensitivity to fluctuations in load impedance and power supply noise, thereby greatly reducing load pulling and pushing. The IC offers great flexibility, yet is easy to use. This product was designed for use in applications with low supply voltages. It has a power-down feature and is designed to operate from 700MHz to 1500MHz with the help of an external resonator. Frequency control is achieved with an external varactor diode. The IC’s ease of use, reduced load pulling, small size, and low cost make it an ideal LO (Local Oscillator) for almost any wireless application.



Features

• High-Isolation / Reduced Load Pulling

• Low Current Consumption

• -6dBm Output Power

• Digitally Controlled Power Down Mode

• 700MHz to 1500MHz Operating Range

• Single 2.2V to 5V Supply



Typical Applications

• 2-Way Paging

• ISM Band Systems

• Wireless Local Loop Systems

• GPS Receivers

• Cellular Systems

• Low Voltage Applications



 




Similar Part No. - RF2504

ManufacturerPart #DatasheetDescription
logo
Mersen
RF250/RL250 MERSEN-RF250/RL250 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
RF Micro Devices
RF2506 RFMD-RF2506 Datasheet
77Kb / 6P
VHF/UHF VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
Adam Technologies, Inc.
RF250D0050 ADAM-TECH-RF250D0050 Datasheet
154Kb / 1P
RF CONNECTORS
RF250D0075 ADAM-TECH-RF250D0075 Datasheet
154Kb / 1P
RF CONNECTORS
RF250DAS50 ADAM-TECH-RF250DAS50 Datasheet
154Kb / 1P
RF CONNECTORS
More results


Similar Description - RF2504

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2301 RFMD-RF2301 Datasheet
198Kb / 10P
HIGH ISOLATION BUFFER AMPLIFIER
RF2506 RFMD-RF2506 Datasheet
77Kb / 6P
VHF/UHF VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
BOWEI Integrated Circui...
HE406 BOWEI-HE406 Datasheet
98Kb / 1P
VCO with built-in buffer amplifier
HE714 BOWEI-HE714 Datasheet
84Kb / 1P
VCO with built-in buffer amplifier
HE716 BOWEI-HE716 Datasheet
84Kb / 1P
VCO with built-in buffer amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-565P8 AVAGO-MGA-565P8 Datasheet
312Kb / 12P
High Isolation Buffer Amplifier
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
20 dBm Psat High Isolation Buffer Amplifier
logo
Analog Devices
HMC6380LC4B AD-HMC6380LC4B Datasheet
439Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
HMC6475LC4B AD-HMC6475LC4B Datasheet
583Kb / 4P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER
logo
Broadcom Corporation.
MGA-565P8 BOARDCOM-MGA-565P8 Datasheet
312Kb / 12P
20 dBm Psat High Isolation Buffer Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com