Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2002D-T Datasheet (PDF) - NXP Semiconductors

GTL2002D-T Datasheet PDF - NXP Semiconductors
Part # GTL2002D-T
Download  GTL2002D-T Download
File Size   263.32 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NXP bidirectional low-voltage translators

GTL2002D-T Datasheet (PDF)

Go To PDF Page Download Datasheet
GTL2002D-T Datasheet PDF - NXP Semiconductors

Part # GTL2002D-T
Download  GTL2002D-T Click to download

File Size   263.32 Kbytes
Page   2 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NXP bidirectional low-voltage translators

GTL2002D-T Datasheet (HTML) - NXP Semiconductors


GTL2002D-T Product details

Low cost bidirectional voltage translation without directional control
   
Unlike level-shifting bus switches, which only translate between fixed voltages, these bidirectional low-voltage translators can translate any voltage between 1 and 5 V to any other voltage between 1 and 5 V. They also reduce ON-state resistance and minimize propagation delay.
   
Key features
► No directional control required for bidirectional voltage translations
► Low RON resistance (6.5 Ω) between input and output pins (Sn/Dn)
► Propagation delay: 1.5 ns (typ)
► Channel off-state capacitance: 7.5 pF
► Very low (5 µA) standby current
► No power supply required – prevents latch-ups
► Very small QFN package options
   
Applications
► Uni- and bidirectional translation for any voltage between 1 and 5 V
► Bidirectional translation of lowvoltage and legacy I2C-bus signals
► Shifting processor sideband I/O signals between GTL and LVTTL/TTL levels
   




Similar Part No. - GTL2002D-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2002D PHILIPS-GTL2002D Datasheet
114Kb / 14P
2-bit bi-directional low voltage translator
2004 Sep 29
GTL2002D NXP-GTL2002D Datasheet
138Kb / 22P
2-bit bidirectional low voltage translator
GTL2002DC PHILIPS-GTL2002DC Datasheet
114Kb / 14P
2-bit bi-directional low voltage translator
2004 Sep 29
GTL2002DC NXP-GTL2002DC Datasheet
138Kb / 22P
2-bit bidirectional low voltage translator
GTL2002DP PHILIPS-GTL2002DP Datasheet
114Kb / 14P
2-bit bi-directional low voltage translator
2004 Sep 29
More results


Similar Description - GTL2002D-T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
logo
NXP Semiconductors
AN10145 PHILIPS-AN10145 Datasheet
325Kb / 24P
Bi-directional low voltage translators
2004 Aug 11
logo
Analog Devices
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
logo
Maxim Integrated Produc...
MAX3370 MAXIM-MAX3370 Datasheet
174Kb / 10P
1uA, 2Mbps, Low-Voltage Level Translators in SC70
Rev 1; 2/01
MAX13000E MAXIM-MAX13000E Datasheet
291Kb / 25P
Ultra-Low-Voltage Level Translators Enable/Shutdown Control
Rev 1; 5/11
logo
Analog Devices
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
logo
Maxim Integrated Produc...
MAX14611 MAXIM-MAX14611_14 Datasheet
574Kb / 15P
Quad Bidirectional Low-Voltage Quad Bidirectional Low-Voltage
Rev 0; 4/12
logo
Analog Devices
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com