Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3308 Datasheet (PDF) - Analog Devices

ADG3308 Datasheet PDF - Analog Devices
Part # ADG3308
Download  ADG3308 Download
File Size   67.59 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators

ADG3308 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG3308 Datasheet PDF - Analog Devices

Part # ADG3308
Download  ADG3308 Click to download

File Size   67.59 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators

ADG3308 Datasheet (HTML) - Analog Devices


ADG3308 Product details

GENERAL DESCRIPTION

The ADG3308/ADG3308-1 are bidirectional level translators containing eight bidirectional channels. They can be used in multivoltage digital system applications, such as a data transfer between a low voltage DSP controller and a higher voltage device.



FEATURES

Bidirectional logic level translation

Operates from 1.15 V to 5.5 V

Low quiescent current < 1 µA

No direction pin



APPLICATIONS

Low voltage ASIC level translation

Smart card readers

Cell phones and cell phone cradles

Portable communication devices

Telecommunications equipment

Network switches and routers

Storage systems (SAN/NAS)

Computing/server applications

GPS

Portable POS systems

Low cost serial interfaces




Similar Part No. - ADG3308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308 AD-ADG3308 Datasheet
395Kb / 6P
Tape and Reel Packaging
ADG3308 AD-ADG3308 Datasheet
395Kb / 6P
Tape and Reel Packaging
ADG3308 AD-ADG3308 Datasheet
398Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1 Datasheet
398Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results


Similar Description - ADG3308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
4/05-Revision 0
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
12/05-Revision 0
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com