Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3308 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG3308
Description  Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3308 Datasheet(HTML) 1 Page - Analog Devices

  ADG3308 Datasheet HTML 1Page - Analog Devices ADG3308 Datasheet HTML 2Page - Analog Devices ADG3308 Datasheet HTML 3Page - Analog Devices ADG3308 Datasheet HTML 4Page - Analog Devices ADG3308 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV. PrE Feb 2004
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Preliminary Technical Data
ADG3308
PRELIMINARY TECHNICAL DATA
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
Analog Devices, Inc., 2004
Low Voltage 1.2 V to 5.5 V,
Bidirectional, Logic Level Translators
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Bidirectional Level Translation
Operates from 1.2 V to 5.5 V
Low Quiescent Current <5
µµµµµA
APPLICATIONS
SPITM, MicrowireTM and I2CTM Translation
Low Voltage ASIC level Translation
Smart Card Readers
Cell Phones & Cell-Phone Cradles
Portable Communication Devices
Telecommunicatons Equipment
Network Switches and Routers
Storage Systems (SAN/NAS)
Computing/Server Applications
GPS
Portable POS Systems
Low Cost Serial Interfaces
GENERAL DESCRIPTION
The ADG3308 is an 8-Channel bidirectional level transla-
tor. Its function is to provide level shifting in a multi-
voltage system. The voltage applied to VCCA sets up the
logic levels on the A side of the device, while VCCY sets
the levels on the Y side. In this way, signals applied to the
VCCA side of the device appear as VCCY compatible logic
on the other side of the device and vice versa as the device
is designed to handle bidirectional signals. The device is
guaranteed for operation over the supply range 1.2 V to
5.5 V.
These devices are suited to applications like data transfer
between a low voltage DSP/Controller and a higher
voltage device. Other applications include high end
consumer products where constant changes to the chipset
desgins result in multiple supply levels in the application.
VCCY operates from +1.65 to 5.5 V while VCCA from +1.2
to VCCY. VCCA must always operate from a supply that is
lower than VCCY. When the device Enable pin (EN) is
pulled low, the Ax and Yx inputs/outputs are tri-stated.
The EN pin is driven high for normal operation. EN pin
is referred to VCCY voltage.
PRODUCT HIGHLIGHTS
1.
Bidirectional Level Translation.
2.
The ADG3308 is fully guaranteed from 1.2 V to
5.5 V supply range.
3.
20 lead TSSOP and LFCSP (4mm x4mm) packages.
A1
Y1
GND
VCCY
VCCA
A8
Y8
A7
Y7
A6
Y6
A5
Y5
A4
Y4
A3
Y3
A2
Y2
EN


Similar Part No. - ADG3308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308 AD-ADG3308 Datasheet
395Kb / 6P
Tape and Reel Packaging
ADG3308 AD-ADG3308 Datasheet
395Kb / 6P
Tape and Reel Packaging
ADG3308 AD-ADG3308 Datasheet
398Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1 Datasheet
398Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results

Similar Description - ADG3308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
4/05-Revision 0
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
12/05-Revision 0
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com