Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3308 Datasheet (PDF) - Analog Devices

ADG3308 Datasheet PDF - Analog Devices
Part # ADG3308
Download  ADG3308 Download
File Size   398.22 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators

ADG3308 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG3308 Datasheet PDF - Analog Devices

Part # ADG3308
Download  ADG3308 Click to download

File Size   398.22 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators

ADG3308 Datasheet (HTML) - Analog Devices


ADG3308 Product details

GENERAL DESCRIPTION
The ADG3308/ADG3308-1 are bidirectional level translators
containing eight bidirectional channels. They can be used in
multivoltage digital system applications, such as a data transfer
between a low voltage DSP controller and a higher voltage device. The internal architecture allows the device to perform
bidirectional level translation without an additional signal to set the direction in which the translation takes place. The voltage applied to VCCA sets the logic levels on the A side of the device, and VCCY sets the levels on the Y side. For proper operation, VCCA must always be less than VCCY. The VCCA
compatible logic signals applied to the A side of the device
appear as VCCY compatible levels on the Y side. Similarly, VCCY compatible logic levels applied to the Y side of the device appear as VCCA compatible logic levels on the A side. The enable pin (EN) provides three-state operation on both the
A side and the Y side pins. When the EN pin is pulled low, the
terminals on both sides of the device are in the high impedance state. For normal operation, EN should be driven high.
The ADG3308 is available in a compact 20-lead TSSOP and a 20-lead LFCSP. The ADG3308-1 is available in a 20-ball WLCSP. The EN pin is referred to the VCCY supply voltage for the ADG3308 and to the VCCA supply voltage for the ADG3308-1.
The ADG3308/ADG3308-1 are guaranteed to operate over the 1.15 V to 5.5 V supply voltage range and the extended −40°C to +85°C temperature range.

FEATURES
Bidirectional logic level translation
Operates from 1.15 V to 5.5 V
Low quiescent current < 1 μA
No direction pin

APPLICATIONS
Low voltage ASIC level translation
Smart card readers Cell phones and cell phone cradles Portable communication devices
Telecommunications equipment
Network switches and routers
Storage systems (SAN/NAS) Computing/server applications
GPS
Portable POS systems Low cost serial interfaces




Similar Part No. - ADG3308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
ADG3308 AD-ADG3308 Datasheet
395Kb / 6P
Tape and Reel Packaging
ADG3308 AD-ADG3308 Datasheet
395Kb / 6P
Tape and Reel Packaging
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BCBZ-1-REEL AD-ADG3308BCBZ-1-REEL Datasheet
622Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
More results


Similar Description - ADG3308

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3308 AD-ADG3308 Datasheet
67Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
ADG3304 AD-ADG3304 Datasheet
68Kb / 5P
Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
4/05-Revision 0
ADG3304 AD-ADG3304_13 Datasheet
618Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. D
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com