Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2320 Datasheet (PDF) - RF Micro Devices

RF2320 Datasheet PDF - RF Micro Devices
Part # RF2320
Download  RF2320 Download
File Size   181.34 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LINEAR GENERAL PURPOSE AMPLIFIER

RF2320 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2320 Datasheet PDF - RF Micro Devices

Part # RF2320
Download  RF2320 Click to download

File Size   181.34 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LINEAR GENERAL PURPOSE AMPLIFIER

RF2320 Datasheet (HTML) - RF Micro Devices


RF2320 Product details

Product Description

The RF2320 is a general purpose, low-cost, high-linearity RF amplifier IC. The device is manufactured on a Gallium Arsenide process and is featured in an SOP-16 batwing package. It has been designed for use as an easily cascadable 75Ω gain block with a noise figure of less than 2dB. Gain flatness better than 0.5dB from 5MHz to 1000MHz, and high linearity make this part ideal for cable TV applications. Other applications include IF and RF amplification in wireless voice and data communication products operating in frequency bands up to 2500MHz. The device is self-contained with 75Ω input and output impedances providing 2:1 VSWR matching. For higher input and output return losses, see the evaluation schematic.



Features

■ 5MHz to 2500MHz Operation

■ Internally Matched Input and Output

■ 16dB Small Signal Gain

■ 1.6dB Noise Figure

■ +22dBm Output Power

■ Single 6V to 9V Positive Power Supply



Applications

■ CATV Distribution Amplifiers

■ Cable Modems

■ Broadband Gain Blocks

■ Laser Diode Driver

■ Return Channel Amplifier

■ Base Stations



 




Similar Part No. - RF2320

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2320 RFMD-RF2320 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320PCBA-41X RFMD-RF2320PCBA-41X Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
More results


Similar Description - RF2320

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
269Kb / 14P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827 Datasheet
199Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_1 Datasheet
400Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
CXE-2089Z RFMD-CXE-2089Z Datasheet
646Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827_14 Datasheet
519Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
Linear General Purpose Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com