Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2360 Datasheet (PDF) - RF Micro Devices

RF2360 Datasheet PDF - RF Micro Devices
Part # RF2360
Download  RF2360 Download
File Size   269.68 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LINEAR GENERAL PURPOSE AMPLIFIER

RF2360 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2360 Datasheet PDF - RF Micro Devices

Part # RF2360
Download  RF2360 Click to download

File Size   269.68 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LINEAR GENERAL PURPOSE AMPLIFIER

RF2360 Datasheet (HTML) - RF Micro Devices


RF2360 Product details

Product Description
The RF2360 is a general purpose, low-cost, high-linearity RF amplifier IC. The device is manufactured on a Gallium Arsenide process and is featured in an SOP-16 batwing package. It has been designed for use as an easily cascadable 75Ωgain block with a Noise Figure of less than 2dB. Gain flatness better than 0.5dB from 5MHz to 1000MHz, and high linearity make this part ideal for cable TV applications.

Features
■ 5MHz to 1500MHz Operation
■ Internally Matched Input and Output
■ 20dB Small Signal Gain
■ 1.2dB Noise Figure
■ +24dBm Output Power
■ Single 6V to 9V Positive Power Supply

Applications
■ CATV Distribution Amplifiers
■ Cable Modems
■ Broadband Gain Blocks
■ Laser Diode Driver
■ Return Channel Amplifier
■ Base Stations




Similar Part No. - RF2360

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2360 RFMD-RF2360 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
400Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360411 RFMD-RF2360411 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360411 RFMD-RF2360411 Datasheet
400Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360412 RFMD-RF2360412 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
More results


Similar Description - RF2360

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320 Datasheet
181Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827 Datasheet
199Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_1 Datasheet
400Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
CXE-2089Z RFMD-CXE-2089Z Datasheet
646Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827_14 Datasheet
519Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
Linear General Purpose Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com