Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSTV16859 Datasheet (PDF) - NXP Semiconductors

SSTV16859 Datasheet PDF - NXP Semiconductors
Part # SSTV16859
Download  SSTV16859 Download
File Size   124.65 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM

SSTV16859 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSTV16859 Datasheet PDF - NXP Semiconductors

Part # SSTV16859
Download  SSTV16859 Click to download

File Size   124.65 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM

SSTV16859 Datasheet (HTML) - NXP Semiconductors


SSTV16859 Product details

DESCRIPTION
The SSTV16859 is a 13-bit to 26-bit SSTL_2 registered driver with differential clock inputs, designed to operate between 2.3 V and 2.7 V. All inputs are compatible with the JEDEC standard for SSTL_2 with VREF normally at 0.5*VDD, except the LVCMOS reset (RESET) input. All outputs are SSTL_2, Class II compatible which can be used for standard stub-series applications or capacitive loads. Master reset (RESET) asynchronously resets all registers to zero.
The SSTV16859 is intended to be incorporated into standard DIMM (Dual In-Line Memory Module) designs defined by JEDEC, such as DDR (Double Data Rate) SDRAM and SDRAM II Memory Modules. Different from traditional SDRAM, DDR SDRAM transfers data on both clock edges (rising and falling), thus doubling the peak bus bandwidth. A DDR DRAM rated at 133 MHz will have a burst rate of 266 MHz.
The device data inputs consist of different receivers. One differential input is tied to the input pin while the other is tied to a reference input pad, which is shared by all inputs.
The clock input is fully differential (CK and CK) to be compatible with DRAM devices that are installed on the DIMM. Data are registered at the crossing of CK going high, and CK going low. However, since the control inputs to the SDRAM change at only half the data rate, the device must only change state on the positive transition of the CK signal. In order to be able to provide defined outputs from the device even before a stable clock has been supplied, the device has an asynchronous input pin (RESET), which when held to the LOW state, resets all registers and all outputs to the LOW state.
The device supports low-power standby operation. When RESET is low, the differential input receivers are disabled, and undriven (floating) data, clock, and reference voltage (VREF) inputs are allowed. In addition, when RESET is low, all registers are reset, and all outputs are forced low. The LVCMOS RESET input must always be held at a valid logic high or low level.
To ensure defined outputs from the register before a stable clock has been supplied, RESET must be held in the low state during power-up.
In the DDR DIMM application, RESET is specified to be completely asynchronous with respect to CK and CK. Therefore, no timing relationship can be guaranteed between the two. When entering RESET, the register will be cleared and the outputs will be driven low. As long as the data inputs are low, and the clock is stable during the time from the low-to-high transition of RESET until the input receivers are fully enabled, the outputs will remain low.
Available in 64-pin plastic thin shrink small outline package.

FEATURES
• Stub-series terminated logic for 2.5 V VDD (SSTL_2)
• Optimized for stacked DDR (Double Data Rate) SDRAM
   applications
• Supports SSTL_2 signal inputs as per JESD 8–9
• Flow-through architecture optimizes PCB layout
• ESD classification testing is done to JEDEC Standard JESD22.
   Protection exceeds 2000 V to HBM per method A114.
• Latch-up testing is done to JEDEC Standard JESD78, which
   exceeds 100 mA.
• Supports efficient low power standby operation
• Full DDR 200/266 solution for stacked DIMMs at 2.5 V when used
   with PCKV857
• See SSTV16857 for JEDEC compliant register support in
   unstacked DIMM applications
• See SSTV16856 for driver/buffer version with mode select.




Similar Part No. - SSTV16859

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSTV16859 FAIRCHILD-SSTV16859 Datasheet
168Kb / 8P
Dual Output 13-Bit Register with SSTL-2 Compatible I/O and Reset
logo
Texas Instruments
SSTV16859 TI-SSTV16859 Datasheet
166Kb / 10P
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SSTV16859 TI1-SSTV16859 Datasheet
663Kb / 15P
3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
SSTV16859G FAIRCHILD-SSTV16859G Datasheet
168Kb / 8P
Dual Output 13-Bit Register with SSTL-2 Compatible I/O and Reset
SSTV16859MTD FAIRCHILD-SSTV16859MTD Datasheet
168Kb / 8P
Dual Output 13-Bit Register with SSTL-2 Compatible I/O and Reset
More results


Similar Description - SSTV16859

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTV16859 ICST-ICSSSTV16859 Datasheet
233Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
Rev B 06/22/01
ICSSSTVF16859 ICST-ICSSSTVF16859 Datasheet
187Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16859 ALSC-AS80SSTVF16859 Datasheet
122Kb / 13P
DDR 13-Bit to 26-Bit Registered Buffer
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
ICS16859 ICST-ICS16859 Datasheet
97Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVF16859B RENESAS-ICSSSTVF16859B Datasheet
349Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com