Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2325 Datasheet (PDF) - RF Micro Devices

RF2325 Datasheet PDF - RF Micro Devices
Part # RF2325
Download  RF2325 Download
File Size   245.71 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V GENERAL PURPOSE AMPLIFIER

RF2325 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2325 Datasheet PDF - RF Micro Devices

Part # RF2325
Download  RF2325 Click to download

File Size   245.71 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V GENERAL PURPOSE AMPLIFIER

RF2325 Datasheet (HTML) - RF Micro Devices


RF2325 Product details

Product Description
The RF2325 is a general purpose, low-cost silicon amplifier designed for operation from a 3V supply. The Darlington circuit configuration with resistive feedback allows for broadband cascadable amplification. The device is unconditionally stable and internally matched to 50Ω. The only external components required for specified performance are bypass and DC blocking capacitors and two bias elements (as shown in application schematic). The RF2325 is available in a very small industry-standard SOT-23 5-lead surface mount package, enabling compact designs which conserve board space.

Features
• DC to >2000MHz Operation
• 2.7V to 3.3V Single Supply
• +17dBm Output IP3
• 16dB Gain at 900MHz
• 12dB Gain at 1900MHz
• Internally 50Ω Matched Input and Output

Typical Applications
• Broadband Gain Blocks
• Final PA for Low-Power Applications
• IF or RF Buffer Amplifiers
• Driver Stage for Power Amplifiers
• Oscillator Loop Amplifiers




Similar Part No. - RF2325

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2320 RFMD-RF2320 Datasheet
181Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320PCBA RFMD-RF2320PCBA Datasheet
181Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320PCBA-41X RFMD-RF2320PCBA-41X Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
More results


Similar Description - RF2325

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2321 RFMD-RF2321 Datasheet
240Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF2322 RFMD-RF2322 Datasheet
285Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF2323 RFMD-RF2323 Datasheet
250Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF2326 RFMD-RF2326 Datasheet
247Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com