Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2363 Datasheet (PDF) - RF Micro Devices

RF2363 Datasheet PDF - RF Micro Devices
Part # RF2363
Download  RF2363 Download
File Size   167.61 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND 3V LOW NOISE AMPLIFIER

RF2363 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2363 Datasheet PDF - RF Micro Devices

Part # RF2363
Download  RF2363 Click to download

File Size   167.61 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description DUAL-BAND 3V LOW NOISE AMPLIFIER

RF2363 Datasheet (HTML) - RF Micro Devices


RF2363 Product details

Product Description
The RF2363 is a dual-band Low Noise Amplifier designed for use as a front-end for 950MHz GSM/1850MHz DCS applications and may be used for dual-band cellular/PCS applications. The 900MHz LNA is a single-stage amplifier; the 1900MHz LNA is a 2-stage amplifier. The part may also be tuned for applications in other frequency bands. The device has an excellent combination of low noise figure and high linearity at a very low supply current. It is packaged in a very small industry standard SOT 8-lead plastic package.

Features
■ Low Noise and High Intercept Point
■ 18dB Gain at 900MHz
■ 21dB Gain at 1900MHz
■ Low Supply Current
■ Single 2.5V to 5.0V Power Supply
■ Very Small SOT-23-8 Plastic Package

Applications
■ GSM/DCS Dual-Band Handsets
■ Cellular/PCS Dual-Band Handsets
■ General Purpose Amplification
■ Commercial and Consumer Systems




Similar Part No. - RF2363

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2363 RFMD-RF2363 Datasheet
198Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363 Datasheet
341Kb / 12P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363PCBA RFMD-RF2363PCBA Datasheet
198Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363PCBA RFMD-RF2363PCBA Datasheet
341Kb / 12P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363_06 Datasheet
198Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
More results


Similar Description - RF2363

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
3V LOW NOISE AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363_06 Datasheet
198Kb / 10P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2363 RFMD-RF2363_1 Datasheet
341Kb / 12P
DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com