Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2364 Datasheet (PDF) - RF Micro Devices

RF2364 Datasheet PDF - RF Micro Devices
Part # RF2364
Download  RF2364 Download
File Size   108.26 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V PCS LOW NOISE AMPLIFIER

RF2364 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2364 Datasheet PDF - RF Micro Devices

Part # RF2364
Download  RF2364 Click to download

File Size   108.26 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V PCS LOW NOISE AMPLIFIER

RF2364 Datasheet (HTML) - RF Micro Devices


RF2364 Product details

Product Description
The RF2364 is a low noise amplifier with a high dynamic range designed for CDMA and TDMA PCS, as well as W-CDMA/CDMA2000 applications. The device functions as an outstanding front end low noise amplifier and the bias current can be set externally. The IC includes a power down feature used to completely turn-off the device and is featured in a standard SOT 5-lead plastic package.

Features
■ Low Noise and High Intercept Point
■ 18dB Gain
■ Power Down Control
■ Single 3.0V Power Supply
■ PCS and W-CDMA Band Operation
■ 1.8GHz to 2.5GHz Operation

Applications
■ CDMA PCS LNA
■ TDMA PCS LNA
■ W-CDMA/CDMA2000 LNA
■ General Purpose Amplification
■ Commercial and Consumer Systems




Similar Part No. - RF2364

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2364 RFMD-RF2364 Datasheet
131Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2364 RFMD-RF2364 Datasheet
112Kb / 4P
3V PCS LOW NOISE AMPLIFIER
RF2364PCBA RFMD-RF2364PCBA Datasheet
131Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2364PCBA RFMD-RF2364PCBA Datasheet
112Kb / 4P
3V PCS LOW NOISE AMPLIFIER
RF2364 RFMD-RF2364_06 Datasheet
131Kb / 10P
3V PCS LOW NOISE AMPLIFIER
More results


Similar Description - RF2364

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2365 RFMD-RF2365 Datasheet
135Kb / 8P
3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
3V LOW NOISE AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
3V LOW NOISE AMPLIFIER
RF2364 RFMD-RF2364_06 Datasheet
131Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2364 RFMD-RF2364_1 Datasheet
112Kb / 4P
3V PCS LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
3V LOW NOISE AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com