Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2366 Datasheet (PDF) - RF Micro Devices

RF2366 Datasheet PDF - RF Micro Devices
Part # RF2366
Download  RF2366 Download
File Size   109.67 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER

RF2366 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2366 Datasheet PDF - RF Micro Devices

Part # RF2366
Download  RF2366 Click to download

File Size   109.67 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER

RF2366 Datasheet (HTML) - RF Micro Devices


RF2366 Product details

Product Description
The RF2366 is a switchable low noise amplifier with a very high dynamic range designed for digital cellular applications. The device functions as an outstanding front end low noise amplifier. When used as an LNA, the bias current can be set externally. When used as a PA driver, the IC can operate directly from a single cell Li-ion battery and includes a power down feature that can be used to completely turn off the device. The IC is featured in a standard SOT 6-lead plastic package.

Features
• Low Noise and High Intercept Point
• Adjustable Bias Current
• Power Down Control
• Single 2.5V to 6.0V Power Supply
• 1000MHz to 2500MHz Operation
• Meets IS-98B Single-Tone and IMD

Typical Applications
• CDMA PCS Bypass LNA
• CDMA PCS Bypass Driver Amplifier
• General Purpose Amplification
• Commercial and Consumer Systems




Similar Part No. - RF2366

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2360 RFMD-RF2360 Datasheet
269Kb / 14P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360 Datasheet
400Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360411 RFMD-RF2360411 Datasheet
269Kb / 14P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2360411 RFMD-RF2360411 Datasheet
297Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
More results


Similar Description - RF2366

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2347 RFMD-RF2347 Datasheet
237Kb / 8P
3V LOW NOISE AMPLIFIER/3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361 Datasheet
149Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369 Datasheet
257Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_06 Datasheet
181Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369_06 Datasheet
306Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878 Datasheet
197Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878_1 Datasheet
282Kb / 11P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369_1 Datasheet
408Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_1 Datasheet
292Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
logo
Qorvo, Inc
RF2878 QORVO-RF2878 Datasheet
492Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
27 January 2003
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com