Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3100-3K Datasheet (PDF) - RF Micro Devices

RF3100-3K Datasheet PDF - RF Micro Devices
Part # RF3100-3K
Download  RF3100-3K Download
File Size   116.68 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 1700MHZ LINEAR AMPLIFIER MODULE

RF3100-3K Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3100-3K Datasheet PDF - RF Micro Devices

Part # RF3100-3K
Download  RF3100-3K Click to download

File Size   116.68 Kbytes
Page   6 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 1700MHZ LINEAR AMPLIFIER MODULE

RF3100-3K Datasheet (HTML) - RF Micro Devices


RF3100-3K Product details

Product Description
The RF3100-3K is a high-power, high-efficiency linear amplifier IC targeting 3V hand-held systems. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in dualmode 3V CDMA hand-held digital cellular equipment, spread-spectrum systems, and other applications in the 1750MHz to 1780MHz band. The RF3100-3K has a digital control line for low power application to reduce the current drain. The device is self-contained with 50Ω input and output that is matched to obtain optimum power, efficiency, and linearity characteristics. The module is an ultra-small 6mmx6mm land grid array with backside ground.

Features
• Input/Output Internally Matched@50Ω
• Single 3V Supply
• 28dBm Linear Output Power
• -141dBm/Hz Noise Power
• 35% Linear Efficiency
• 45mA Idle Current (Low Power Mode)

Typical Applications
• 3V CDMA Korean-PCS Handsets
• Spread-Spectrum Systems
• Designed for Compatibility with Qualcomm Chipsets




Similar Part No. - RF3100-3K

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-3 RFMD-RF3100-3 Datasheet
117Kb / 6P
3V 1900MHZ LINEAR AMPLIFIER MODULE
More results


Similar Description - RF3100-3K

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-2 RFMD-RF3100-2 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3100-3 RFMD-RF3100-3 Datasheet
117Kb / 6P
3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3105 RFMD-RF3105 Datasheet
124Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3117 RFMD-RF3117 Datasheet
118Kb / 6P
3V 900MHZ LINEAR AMPLIFIER MODULE
RF3118 RFMD-RF3118 Datasheet
116Kb / 6P
3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3120 RFMD-RF3120 Datasheet
62Kb / 6P
3V 1800MHZ LINEAR AMPLIFIER MODULE
RF3300-3 RFMD-RF3300-3 Datasheet
74Kb / 6P
3V 1900MHz LINEAR AMPLIFIER MODULE
RF3165 RFMD-RF3165 Datasheet
106Kb / 10P
3V 1700MHz LINEAR POWER AMPLIFIER MODULE
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
3V 900MHz LINEAR AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com