Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3165 Datasheet (PDF) - RF Micro Devices

RF3165 Datasheet PDF - RF Micro Devices
Part # RF3165
Download  RF3165 Download
File Size   106.88 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 1700MHz LINEAR POWER AMPLIFIER MODULE

RF3165 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3165 Datasheet PDF - RF Micro Devices

Part # RF3165
Download  RF3165 Click to download

File Size   106.88 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 3V 1700MHz LINEAR POWER AMPLIFIER MODULE

RF3165 Datasheet (HTML) - RF Micro Devices


RF3165 Product details

Product Description
The RF3165 is a high-power, high-efficiency linear amplifier module specifically designed for 3V handheld systems. The device is manufactured on an advanced third generation GaAs HBT process, and was designed for use as the final RF amplifier in 3V W-CDMA handheld digital cellular equipment, spread-spectrum systems, and other applications in the 1710MHz to 1785MHz band (Band 3). The RF3165 has a digital control line for low power applications to lower quiescent current. The RF3165 is assembled in at 16-pin, 3mmx3mm, QFN package.

Features
■ Input/Output Internally Matched@50Ω
■ 28dBm Linear Output Power
■ 42% Peak Linear Efficiency
■ 28dB Linear Gain
■ -41dBc ACLR @ ±5MHz
■ HSDPA Capable

Applications
■ 3V W-CDMA Band 3, 4, and 9 Handsets
■ Multi-Mode W-CDMA 3G Handsets
■ Spread-Spectrum Systems




Similar Part No. - RF3165

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3165 RFMD-RF3165 Datasheet
79Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165 Datasheet
177Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165PCBA-410 RFMD-RF3165PCBA-410 Datasheet
79Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165PCBA-410 RFMD-RF3165PCBA-410 Datasheet
177Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_06 Datasheet
79Kb / 6P
3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
More results


Similar Description - RF3165

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3100-3K RFMD-RF3100-3K Datasheet
116Kb / 6P
3V 1700MHZ LINEAR AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1 Datasheet
67Kb / 6P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163 Datasheet
89Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_06 Datasheet
91Kb / 10P
3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_06 Datasheet
59Kb / 6P
3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF6263 RFMD-RF6263 Datasheet
161Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_1 Datasheet
167Kb / 8P
3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF6100-1 RFMD-RF6100-1_1 Datasheet
165Kb / 8P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_1 Datasheet
241Kb / 10P
3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF3163 RFMD-RF3163_1 Datasheet
216Kb / 10P
3V 900MHZ LINEAR POWER AMPLIFIER MODULE
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com