Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA00BC0WF Datasheet (PDF) - Rohm

BA00BC0WF Datasheet PDF - Rohm
Part # BA00BC0WF
Download  BA00BC0WF Download
File Size   126.39 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description LDO Regulator With Shutdown Circuit

BA00BC0WF Datasheet (PDF)

Go To PDF Page Download Datasheet
BA00BC0WF Datasheet PDF - Rohm

Part # BA00BC0WF
Download  BA00BC0WF Click to download

File Size   126.39 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description LDO Regulator With Shutdown Circuit

BA00BC0WF Datasheet (HTML) - Rohm


BA00BC0WF Product details

Description

BA00BC0WF  is a PNP output LDO regulator IC with the output current of 0.5A and a voltage accuracy of ± 2%. Output voltage can be set (1.5V to 12V) by external resistor.  Over-current protection circuit and thermal protection circuit are incorporated to prevent IC from being damaged by short and thermal break down.



Features

1) Maximum output current : 0.5A

2) Output voltage setting by external resistor

3) Low drop-out voltage(1.5V to 12V) type with PNP output

4) Built-in over-current protection circuit to

prevent IC from being damaged by short

5) Built-in thermal protection circuit

6) Built-in ON/OFF switch to realize the shutdown current 0uA

7) SOP8 package

8) C pin output voltage accuracy : ± 2%



Applications

Printer, TV, DVD and Storage etc.




Similar Part No. - BA00BC0WF

ManufacturerPart #DatasheetDescription
logo
Rohm
BA00BC0WFP ROHM-BA00BC0WFP Datasheet
343Kb / 6P
1.0A Low-Dropout Voltage Regulator with Shut down Switch (Adjustable)
BA00BC0WFP ROHM-BA00BC0WFP Datasheet
392Kb / 10P
1A Secondary LDO Regulators for Local Power Supplies
BA00BC0WFP ROHM-BA00BC0WFP Datasheet
142Kb / 2P
Low Voltage Variable Output LDO Regulator
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
1A Variable/Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
1A Variable/Fixed Output LDO Regulators
More results


Similar Description - BA00BC0WF

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
logo
Impala Linear Corporati...
ILC7070 IMPALA-ILC7070 Datasheet
321Kb / 6P
SOT-23 CMOS LDO REGULATOR WITH SHUTDOWN
logo
Microchip Technology
TC56 MICROCHIP-TC56 Datasheet
639Kb / 16P
150mA, 10V LDO with Shutdown
2002
TC1016 MICROCHIP-TC1016 Datasheet
327Kb / 20P
80MA TINY CMOS LDO WITH SHUTDOWN
2001
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-5002I MICROCHIP-MCP1804T-5002I Datasheet
545Kb / 38P
150 mA, 28V LDO Regulator With Shutdown
03/26/09
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Microchip Technology
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
150 mA, 28V LDO Regulator With Shutdown
08/20/13
logo
Mitsumi Electronics, Co...
MM3608 MITSUMI-MM3608 Datasheet
337Kb / 16P
300mA LDO with thermal shutdown
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
5A LDO regulator circuit
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com