Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC56 Datasheet (PDF) - Microchip Technology

TC56 Datasheet PDF - Microchip Technology
Part # TC56
Download  TC56 Download
File Size   639.18 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 150mA, 10V LDO with Shutdown

TC56 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC56 Datasheet PDF - Microchip Technology

Part # TC56
Download  TC56 Click to download

File Size   639.18 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 150mA, 10V LDO with Shutdown

TC56 Datasheet (HTML) - Microchip Technology


TC56 Product details

General Description
The TC56 is a low supply current (11µA typical at VOUT = 3V), low dropout CMOS linear regulator, with a 10V maximum input voltage range. CMOS construction eliminates wasted ground current, typical of bipolar regulators, for greater system efficiencies and longer operating time in battery-powered systems.

Features
• Low Dropout Voltage: 200mV typ. at 80mA, 380mV typ. at 160mA
• High Output Current: 180mA (VOUT = 5.0V)
• High Accuracy Output Voltage (±2%)
• Low Power Consumption: 11µA (Oper.), 0.1µA (Shutdown)
• Low Temperature Drift (±100ppm/°C typ.)
• Excellent Line Regulation (0.2%/V typ.)
• Space Saving 5-Pin SOT-23A Package
• Short Circuit Protection
• Standard 2.5V, 3.0V and 3.3V Output Voltages

Applications
• Battery Powered Devices
• Cameras and Portable Video Equipment
• Pagers and Cellular Phones
• Solar Powered Instruments
• Consumer Products




Similar Part No. - TC56

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
TC56 SUMIDA-TC56 Datasheet
128Kb / 1P
Strobe Light Trigger coil
logo
List of Unclassifed Man...
TC56V ETC1-TC56V Datasheet
980Kb / 10P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC56V TAK_CHEONG-TC56V Datasheet
171Kb / 5P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
France Joint
TC56X68X6 FRANCEJOINT-TC56X68X6 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC56X70X9 FRANCEJOINT-TC56X70X9 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
More results


Similar Description - TC56

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1305 MICROCHIP-TC1305 Datasheet
530Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
2002
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181 Datasheet
200Kb / 10P
150MA LDO REGULATOR WITH POG
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
150mA MicroPower??LDO with PowerOK
logo
Advanced Analogic Techn...
AAT3216 ANALOGICTECH-AAT3216 Datasheet
184Kb / 16P
150mA MicroPower??LDO with PowerOK
logo
Microchip Technology
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
logo
Taiwan Semiconductor Co...
TS9010 TSC-TS9010_07 Datasheet
236Kb / 6P
150mA CMOS LDO with Enable
TS9010 TSC-TS9010_08 Datasheet
82Kb / 6P
150mA CMOS LDO with Enable
logo
Unisonic Technologies
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com