Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1305 Datasheet (PDF) - Microchip Technology

TC1305 Datasheet PDF - Microchip Technology
Part # TC1305
Download  TC1305 Download
File Size   530.17 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output

TC1305 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1305 Datasheet PDF - Microchip Technology

Part # TC1305
Download  TC1305 Click to download

File Size   530.17 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output

TC1305 Datasheet (HTML) - Microchip Technology


TC1305 Product details

General Description
The TC1305 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space saving 10-Pin MSOP package. Designed specifically for battery operated systems, total supply current is typically 120µA at full load, 20 to 60 times lower than in bipolar regulators.

Features
• Extremely Low Supply Current for Longer Battery Life
• Select Mode™ Operation: Selectable Output Voltages for High Design Flexibility
• Very Low Dropout Voltage
• 29µVRMS Typical Output Noise
• 10µsec (Typ.) Wake-Up Time from SHDN
• 150mA Output Current per Output
• High Output Voltage Accuracy
• Power-Saving Shutdown Mode
• RESET Output Can Be Used as a Low Battery Detector or Processor Reset Generator
• Over Current Protection and Over Temperature Shutdown
• Space Saving 10-Pin MSOP Package

Applications
• Load Partitioning
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Pagers and Cellular/PHS Phones
• Linear Post-Regulator for SMPS




Similar Part No. - TC1305

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
Lite-On Technology Corp...
TC1300H LITEON-TC1300H Datasheet
46Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Microchip Technology
TC1300VUA MICROCHIP-TC1300VUA Datasheet
330Kb / 16P
300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
Low Noise and Medium Power GaAs FETs
More results


Similar Description - TC1305

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
Microchip Technology
TC1306 MICROCHIP-TC1306 Datasheet
524Kb / 16P
Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
2002
TC1307 MICROCHIP-TC1307 Datasheet
553Kb / 28P
Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
2002
TC56 MICROCHIP-TC56 Datasheet
639Kb / 16P
150mA, 10V LDO with Shutdown
2002
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
logo
Unisonic Technologies
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com