Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1305 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1305
Description  Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1305 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1305 Datasheet HTML 5Page - Microchip Technology TC1305 Datasheet HTML 6Page - Microchip Technology TC1305 Datasheet HTML 7Page - Microchip Technology TC1305 Datasheet HTML 8Page - Microchip Technology TC1305 Datasheet HTML 9Page - Microchip Technology TC1305 Datasheet HTML 10Page - Microchip Technology TC1305 Datasheet HTML 11Page - Microchip Technology TC1305 Datasheet HTML 12Page - Microchip Technology TC1305 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21526A-page 9
TC1305
6.0
TYPICAL CHARACTERISTICS (CONTINUED)
-45
-20
5
30
55
80 105 130
3.01
3.00
2.99
2.98
2.97
2.96
2.95
2.94
2.93
2.92
VOUT1 vs. Temperature
(SELECT = VDD)
TEMPERATURE (
°C)
VDD = 6.0V & IL = 100µA
VDD = 4.0V & IL = 100µA
3.00
2.99
2.98
2.97
2.96
2.95
2.94
2.93
2.92
-45
-20
5
30
55
80 105
130
VOUT2 vs. Temperature
(SELECT = VDD)
TEMPERATURE (
°C)
VDD = 3.8V & IL = 150mA
VDD = 4.0V & IL = 100µA
VDD = 6.0V & IL = 100µA
2.81
2.80
2.79
2.78
2.77
2.76
2.75
2.74
2.73
-45
-20
5
30
55
80 105 130
VOUT1 vs. Temperature
(SELECT = NC)
TEMPERATURE (
°C)
VDD = 6.0V & IL = 100µA
VDD = 3.8V & IL = 150mA
VDD = 3.8V & IL = 100mA
VDD = 3.8V & IL = 100mA
2.81
2.80
2.79
2.78
2.77
2.76
2.75
2.74
2.73
-45 -20
5
30
55
80 105
130
VOUT2 vs. Temperature
(SELECT = NC)
TEMPERATURE (
°C)
VDD = 3.8V & IL = 150mA
VDD = 6.0V & IL = 100µA
VDD = 6.0V & IL = 100µA
2.51
2.50
2.49
2.48
2.47
2.46
2.45
2.44
2.43
-45 -20
5
30
55
80 105
130
VOUT1 vs. Temperature
(SELECT = GND)
TEMPERATURE (
°C)
VDD = 3.5V & IL = 100µA
VDD = 3.5V & IL = 150mA
VDD = 6.0V & IL = 100µA
2.51
2.50
2.49
2.48
2.47
2.46
2.45
2.44
2.43
-45 -20
5
30
55
80 105
130
VOUT2 vs. Temperature
(SELECT = GND)
TEMPERATURE (
°C)
VDD = 3.5V & IL = 100µA
VDD = 3.5V & IL = 150mA
VDD = 6.0V & IL = 100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com