Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1305 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1305
Description  Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1305 Datasheet(HTML) 3 Page - Microchip Technology

  TC1305 Datasheet HTML 1Page - Microchip Technology TC1305 Datasheet HTML 2Page - Microchip Technology TC1305 Datasheet HTML 3Page - Microchip Technology TC1305 Datasheet HTML 4Page - Microchip Technology TC1305 Datasheet HTML 5Page - Microchip Technology TC1305 Datasheet HTML 6Page - Microchip Technology TC1305 Datasheet HTML 7Page - Microchip Technology TC1305 Datasheet HTML 8Page - Microchip Technology TC1305 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21526A-page 3
TC1305
TC1305 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VIN =VR +1V, IL =100µA, CL =3.3µF, SHDN1 >VIH, SHDN2 >VIH,TA = 25°C, unless otherwise noted.
Boldface type specifications apply for junction temperature of -40°C to +125°C. Applies to both VOUT1 and VOUT2.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
TSD
Thermal Shutdown Die
Temperature
—160
—
°C
∆TSD
Thermal Shutdown Hysteresis
—
15
—
°C
eN
Output Noise
—
200
—
nV
√Hz I
L =100µA, F = 1kHz,
COUT1 =COUT2 =4.7µF,
CBYPASS =0.01µF
—29
—
µVRMS F = 10Hz to 100kHz
SHDN Input
VIH
SHDN Input High Threshold
65
——
%VIN
VIN =2.7V to6.0V
VIL
SHDN Input Low Threshold
—
—
15
%VIN
VIN =2.7V to6.0V
SELECT Input
VSELH
SELECT Input HIgh Threshold
VIN –0.2
——
V
VIN =2.7V to6.0V
VSELL
SELECT Input Low Threshold
—
0.2
VVIN =2.7V to6.0V
RESET Output
VDET
VDET Voltage Range
1.0
1.2
—
—
6.0
6.0
VTA =0°C to +70°C
TA = -40°C to +125°C
VTH
Reset Threshold
2.59
2.55
2.63
—
2.66
2.70
VTA =+25°C
TA = -40°C to +125°C
IVDET
Reset Circuit Supply Current
—
20
40
µA
RESET =Open
Reset Threshold Tempco
—
30
—
ppm/°C
VDET to Reset Delay
—
100
—
µsec
VDET =VTH to (VTH –100mV)
Reset Active Time-out Period
140
300
560
msec
VOL
RESET Output Voltage Low
—
—
—
—
—
—
0.3
0.4
0.3
VVDET =VTHMIN,ISINK =1.2mA
VDET =VTHMIN,ISINK =3.2mA
VDET >1.0V, ISINK =50µA
VOH
RESET Output Voltage High
0.8 VDET
VDET –1.5
—
—
—V
VDET >VTHMAX,ISOURCE = 500µA
VDET >VTHMAX,ISOURCE = 800µA
Note 1:
The minimum VIN has to meet two conditions: VIN ≥ 2.7 and VIN ≥ VR +VDROPOUT.
2:
VR is the regulator output voltage setting. For example: VR = 2.5V, 2.8V, 3.0V.
3:
4:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range from
0.1mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation
specification.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at a 1V
differential.
6:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or
line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 msec.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e., TA,TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate
thermal shutdown. Please see Section 5.0 Thermal Considerations section of this data sheet for more details.
TC VOUT =(VOUTMAX –VOUTMIN)x 10
6
VOUT x ∆T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com