Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1305 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1305
Description  Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1305 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1305 Datasheet HTML 2Page - Microchip Technology TC1305 Datasheet HTML 3Page - Microchip Technology TC1305 Datasheet HTML 4Page - Microchip Technology TC1305 Datasheet HTML 5Page - Microchip Technology TC1305 Datasheet HTML 6Page - Microchip Technology TC1305 Datasheet HTML 7Page - Microchip Technology TC1305 Datasheet HTML 8Page - Microchip Technology TC1305 Datasheet HTML 9Page - Microchip Technology TC1305 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC1305
DS21526A-page 6
© 2002 Microchip Technology Inc.
4.4
Select Mode
™ Operation
The Select Mode™ operation is a tri-state input that
allows the user to select VOUT1 and VOUT2 from three
different values. By connecting the SELECT pin to
GND, both output voltages (VOUT1,VOUT2) supply
2.5V. Connecting the SELECT pin to VIN results in both
output channels supplying a fixed 3.0V output. Last but
not least, leaving the SELECT pin floating sets both
voltages to 2.8V. This output voltage functionality
provides high design flexibility and minimizes costs
associated with inventory, time-to-market and new
device qualifications.
4.5
RESET Output
The microprocessor supervisor of theTC1305 provides
accurate supply voltage monitoring and reset timing
during power-up, power-down and brown-out condi-
tions. The RESET output is valid to VDET = 1.0V (below
this point it becomes an open circuit and does not sink
current) and is able to reject negative going transients
(glitches) on the power supply line. Transient immunity
can further be improved by adding a capacitor close to
the VDET pin of the TC1305.
4.6
Turn On Response
The turn on response is defined as two separate
response categories, Wake Up Time (tWK) and Settling
Time (tS).
The TC1305 has a fast Wake Up Time (10
µsec typical)
when released from shutdown. See Figure 4-1 for the
Wake Up Time designated as tWK.The Wake Up Time
is defined as the time it takes for the output to rise to 2%
of the VOUT value after being released from shutdown.
The total turn on response is defined as the Settling
Time (tS), see Figure 4-1. Settling Time (inclusive with
tWK) is defined as the condition when the output is
within 2% of its fully enabled value (40
µsec typical)
when released from shutdown. The settling time of the
output voltage is dependent on load conditions and
output capacitance on VOUT (RC response).
FIGURE 4-1:
WAKE-UP RESPONSE
TIME
VIH
tS
tWK
VOUT
98%
2%
VIL
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com