Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1305 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1305
Description  Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1305 Datasheet(HTML) 1 Page - Microchip Technology

  TC1305 Datasheet HTML 1Page - Microchip Technology TC1305 Datasheet HTML 2Page - Microchip Technology TC1305 Datasheet HTML 3Page - Microchip Technology TC1305 Datasheet HTML 4Page - Microchip Technology TC1305 Datasheet HTML 5Page - Microchip Technology TC1305 Datasheet HTML 6Page - Microchip Technology TC1305 Datasheet HTML 7Page - Microchip Technology TC1305 Datasheet HTML 8Page - Microchip Technology TC1305 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21526A-page 1
Features
• Extremely Low Supply Current for Longer Battery
Life
• Select Mode™ Operation: Selectable Output
Voltages for High Design Flexibility
• Very Low Dropout Voltage
•29
µVRMS Typical Output Noise
•10
µsec (Typ.) Wake-Up Time from SHDN
• 150mA Output Current per Output
• High Output Voltage Accuracy
• Power-Saving Shutdown Mode
• RESET Output Can Be Used as a Low Battery
Detector or Processor Reset Generator
• Over Current Protection and Over Temperature
Shutdown
• Space Saving 10-Pin MSOP Package
Applications
• Load Partitioning
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Pagers and Cellular/PHS Phones
• Linear Post-Regulator for SMPS
Device Selection Table
NOTE: “R” denotes the suffix for the 2.63V VDET threshold.
“D” indicates VOUT1 =VOUT2 = 2.5, 2.8, 3.0 (selectable).
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC1305 combines two CMOS Low Dropout Regu-
lators and a Microprocessor Monitor in a space saving
10-Pin MSOP package. Designed specifically for
battery operated systems, total supply current is
typically 120
µA at full load, 20 to 60 times lower than in
bipolar regulators.
The TC1305 features selectable output voltages for
higher design flexibility. The tri-state SELECT input pin
allows the user to select VOUT1 and VOUT2 from 3
different values (2.5V, 2.8V and 3.0V).
An active low RESET is asserted when the detected
voltage (VDET) falls below the 2.63V reset voltage
threshold. The RESET output remains low for 300msec
(typical)afterVDET rises above reset threshold. When
the shutdown controls (SHDN1 and SHDN2)are low,
the regulator output voltages fall to zero, RESET output
remains valid and supply current is reduced to 20
µA
(typ.)
Other key features for the device include ultra low noise
operation, fast response to step changes in load and
very low dropout voltage (typically 150mV at full load).
The device also incorporates both over temperature
and over current protection. Each regulator is stable
with an output capacitor of only 1
µF and has a
maximum output current of 150mA. The TC1305 is
featured in a 10-Pin MSOP package with selective
output voltages.
Typical Application
Part Number
Package
Junction
Temperature
Range
TC1305R-DVUN
10-Pin MSOP
-40°C to +85°C
VIN
VOUT2
VOUT1
1
VDET
Bypass
GND
SELECT
2
3
4
5
10
9
8
7
6
SHDN1
RESET
TC1305
SHDN2
10-Pin MSOP
TC1305
470pF
(Optional)
3.3
µF
3.3
µF
1
2
3
4
5
10
9
8
7
6
VIN
VDET
GND
SELECT
SHDN1
VOUT2
VOUT1
Bypass
RESET
SHDN2
TC1305
Dual 150mA CMOS LDO With Select Mode™ Operation,
Shutdown and Independent RESET Output


Similar Part No. - TC1305

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
Lite-On Technology Corp...
TC1300H LITEON-TC1300H Datasheet
46Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Microchip Technology
TC1300VUA MICROCHIP-TC1300VUA Datasheet
330Kb / 16P
300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
Low Noise and Medium Power GaAs FETs
More results

Similar Description - TC1305

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
logo
Microchip Technology
TC1306 MICROCHIP-TC1306 Datasheet
524Kb / 16P
Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
2002
TC1307 MICROCHIP-TC1307 Datasheet
553Kb / 28P
Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
2002
TC56 MICROCHIP-TC56 Datasheet
639Kb / 16P
150mA, 10V LDO with Shutdown
2002
TC1300 MICROCHIP-TC1300 Datasheet
330Kb / 16P
300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
2002
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
logo
Semtech Corporation
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
Dual 150mA LDO Regulator with Programmable Reset
logo
Unisonic Technologies
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com