Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1305 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1305
Description  Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1305 Datasheet(HTML) 2 Page - Microchip Technology

  TC1305 Datasheet HTML 1Page - Microchip Technology TC1305 Datasheet HTML 2Page - Microchip Technology TC1305 Datasheet HTML 3Page - Microchip Technology TC1305 Datasheet HTML 4Page - Microchip Technology TC1305 Datasheet HTML 5Page - Microchip Technology TC1305 Datasheet HTML 6Page - Microchip Technology TC1305 Datasheet HTML 7Page - Microchip Technology TC1305 Datasheet HTML 8Page - Microchip Technology TC1305 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC1305
DS21526A-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
Input Voltage .........................................................6.5V
Output Voltage........................... (-0.3V) to (VIN +0.3V)
Power Dissipation................Internally Limited (Note 7)
Maximum Voltage on Any Pin ......... VIN +0.3V to -0.3V
Operating Temperature Range.... -40°C < TJ < +125°C
Storage Temperature Range .............. -55°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1305 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VIN =VR +1V, IL =100µA, CL =3.3µF, SHDN1 >VIH, SHDN2 >VIH,TA = 25°C, unless otherwise
noted. Boldface type specifications apply for junction temperature of -40°C to +125°C. Applies to both VOUT1 and VOUT2.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Input Operating Voltage
2.7
—
6.0
V
Note 1
IOUTMAX
Maximum Output Current
150
—
—
mA
Per Channel
VOUT
Output Voltage (VOUT1 and VOUT2)
VR –2.5% VR ±0.5% VR +2.5%
V
Note 2
TCVOUT
VOUT Temperature Coefficient
—
—
20
40
—
—
ppm/°C Note 3
∆VOUT/∆VIN Line Regulation
—
0.05
0.35
%(VR +1V) < VIN < 6V
∆VOUT/VOUT Load Regulation
—
0.5
2
%IL = 0.1mA to IOUTMAX
(Note 4)
VIN – VOUT
Dropout Voltage
—
2
50
100
150
—
120
240
360
mV
IL = 100µA
IL = 50mA
IL = 100mA
IL = 150mA
(Note 5)
IIN
Supply Current
—
120
160
µA
SHDN1, SHDN2 =VIH,IL =0
IINSD
Shutdown Supply Current
—
0.05
0.5
µA
SHDN1, SHDN2 =0V
PSRR
Power Supply Rejection Ratio
—
64
—
dB
FRE ≤ 120Hz
IOUTSC
Output Short Circuit Current
—
600
—
mA
VOUT =0V
∆V
OUT∆PD
Thermal Regulation
—
0.04
—
V/W
Notes 6, 7
tWK
Wake Up Time
(from Shutdown Mode)
—10
—
µsec
VIN =5V
CIN =1µF, COUT =4.7µF
IL = 30mA, (See Figure 4-1)
ts
Settling Time
(from Shutdown Mode)
—40
—
µsec
VIN =5V
CIN =1µF, COUT =4.7µF
IL = 30mA, (See Figure 4-1)
Note 1:
The minimum VIN has to meet two conditions: VIN ≥ 2.7 and VIN ≥ VR +VDROPOUT.
2:
VR is the regulator output voltage setting. For example: VR = 2.5V, 2.8V, 3.0V.
3:
4:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range from
0.1mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation
specification.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at a 1V
differential.
6:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or
line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 msec.
7:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e., TA,TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate
thermal shutdown. Please see Section 5.0 Thermal Considerations section of this data sheet for more details.
TC VOUT =(VOUTMAX –VOUTMIN)x 10
6
VOUT x ∆T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com