Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1306 Datasheet (PDF) - Microchip Technology

TC1306 Datasheet PDF - Microchip Technology
Part # TC1306
Download  TC1306 Download
File Size   524.04 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output

TC1306 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1306 Datasheet PDF - Microchip Technology

Part # TC1306
Download  TC1306 Click to download

File Size   524.04 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output

TC1306 Datasheet (HTML) - Microchip Technology


TC1306 Product details

General Description
The TC1306 combines two CMOS Low Dropout Regulators and a Microprocessor Monitor in a space saving 8-Pin MSOP package. Designed specifically for battery operated systems, total supply current is typically 120μA at full load, 20 to 60 times lower than in bipolar regulators.

Features
• Extremely Low Supply Current for Longer Battery Life
• Select Mode™ Operation: Selectable Output Voltages for High Design Flexibility
• Very Low Dropout Voltage
• 10μsec (Typ.) Wake-Up Time from SHDN
• Maximum 150mA Output Current per Output
• High Output Voltage Accuracy
• Power-Saving Shutdown Mode
• RESET Output Can Be Used as a Low Battery Detector or Processor Reset Generator
• Over Current Protection and Over Temperature Shutdown
• Space Saving 8-Pin MSOP Package

Applications
• Load Partitioning
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Pagers and Cellular/GSM/PHS Phones
• Linear Post-Regulator for SMPS




Similar Part No. - TC1306

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC1306D-560M PRODUCTWELL-TC1306D-560M Datasheet
129Kb / 4P
TOROID INDUCTORS
logo
Microchip Technology
TC1306R-BDVUA MICROCHIP-TC1306R-BDVUA Datasheet
535Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
More results


Similar Description - TC1306

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC1305 MICROCHIP-TC1305 Datasheet
530Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
2002
TC1307 MICROCHIP-TC1307 Datasheet
553Kb / 28P
Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
2002
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
logo
Unisonic Technologies
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com