Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1306 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1306
Description  Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1306 Datasheet(HTML) 5 Page - Microchip Technology

  TC1306 Datasheet HTML 1Page - Microchip Technology TC1306 Datasheet HTML 2Page - Microchip Technology TC1306 Datasheet HTML 3Page - Microchip Technology TC1306 Datasheet HTML 4Page - Microchip Technology TC1306 Datasheet HTML 5Page - Microchip Technology TC1306 Datasheet HTML 6Page - Microchip Technology TC1306 Datasheet HTML 7Page - Microchip Technology TC1306 Datasheet HTML 8Page - Microchip Technology TC1306 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21527B-page 5
TC1306
4.0
TYPICAL APPLICATIONS
4.1
Input and Output Capacitor
The TC1306 is stable with a wide range of capacitor
values and types. A capacitor with a minimum value of
1
µFfrom VOUT to Ground is required. The output
capacitor should have an effective series resistance
(ESR) of 0.1
Ω to 10Ω for a 1µF capacitor and 0.01Ω to
10
Ω for a 10µF capacitor. A 1µF capacitor should be
connected from the VIN to GND if there is more than 10
inches of wire between the regulator and the AC filter
capacitor, or if a battery is used as the power source.
Aluminum electrolytic or tantalum capacitor types can
be used. (Since many aluminum electrolytic capacitors
freeze at approximately -30°C, solid tantalums are
recommended for applications operating below -20°C).
When operating from sources other than batteries,
supply-noise rejection and transient response can be
improved by increasing the value of the input and
output capacitors and employing passive filtering
techniques.
4.2
Shutdown Mode
Applying a logic high to each of the shutdown pins turns
on the corresponding output. Each regulator enters
shutdown mode when a logic low is applied to the
corresponding input. During shutdown mode, output
voltage falls to zero, and regulator supply current is
reducedto0.5
µA (max). If shutdown mode is not
necessary, the pins should be connected to VIN.
4.3
Select Mode™ Operation
The Select Mode™ operation is a dual-state input that
allows the user to select VOUT2 from two different
values. By applying a logic low to the SELECT pin,
VOUT2 is set to supply a 2.8V output voltage. A logic
high signal at the SELECT pin sets VOUT2 to 3.0V. This
output voltage functionality provides high design
flexibility and minimizes cost associated with inventory,
time-to-market and new device qualifications.
4.4
Turn On Response
The turn on response is defined as two separate
response categories, Wake Up Time (tWK) and Settling
Time (tS).
The TC1306 has a fast Wake Up Time (10
µsec typical)
when released from shutdown. See Figure 4-1 for the
Wake Up Time designated as tWK.The Wake Up Time
is defined as the time it takes for the output to rise to 2%
of the VOUT value after being released from shutdown.
The total turn on response is defined as the Settling
Time (tS), see Figure 4-1. Settling Time (inclusive with
tWK) is defined as the condition when the output is
within 2% of its fully enabled value (40
µsec typical)
when released from shutdown. The settling time of the
output voltage is dependent on load conditions, output
voltage and VOUT (RC response).
FIGURE 4-1:
WAKE-UP RESPONSE
TIME
tS
tWK
98%
2%
SHDN
VIL
VOUT
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com