Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1306 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1306
Description  Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1306 Datasheet(HTML) 1 Page - Microchip Technology

  TC1306 Datasheet HTML 1Page - Microchip Technology TC1306 Datasheet HTML 2Page - Microchip Technology TC1306 Datasheet HTML 3Page - Microchip Technology TC1306 Datasheet HTML 4Page - Microchip Technology TC1306 Datasheet HTML 5Page - Microchip Technology TC1306 Datasheet HTML 6Page - Microchip Technology TC1306 Datasheet HTML 7Page - Microchip Technology TC1306 Datasheet HTML 8Page - Microchip Technology TC1306 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21527B-page 1
Features
• Extremely Low Supply Current for Longer Battery
Life
• Select Mode™ Operation: Selectable Output
Voltages for High Design Flexibility
• Very Low Dropout Voltage
•10
µsec (Typ.) Wake-Up Time from SHDN
• Maximum 150mA Output Current per Output
• High Output Voltage Accuracy
• Power-Saving Shutdown Mode
• RESET Output Can Be Used as a Low Battery
Detector or Processor Reset Generator
• Over Current Protection and Over Temperature
Shutdown
• Space Saving 8-Pin MSOP Package
Applications
• Load Partitioning
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Pagers and Cellular/GSM/PHS Phones
• Linear Post-Regulator for SMPS
Device Selection Table
NOTE: “R” denotes the suffix for the 2.63V RESET threshold.
“B” indicates VOUT1 =1.8V (fixed).
“D” indicates VOUT2 = 2.8V, 3.0V (selectable).
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC1306 combines two CMOS Low Dropout Regu-
lators and a Microprocessor Monitor in a space saving
8-Pin MSOP package. Designed specifically for battery
operated systems, total supply current is typically
120
µAat full load, 20to60times lower thaninbipolar
regulators.
The TC1306 features selectable output voltages for
higher design flexibility. The dual-state SELECT input
pin allows the user to select VOUT2 from 2 different
values (2.8V and 3.0V). VOUT1 supplies a fixed 1.8V
voltage.
An active low RESET is asserted when the output
voltage VOUT2 falls below the 2.63V reset voltage
threshold. The RESET output remains low for 300msec
(typical)afterVOUT2 rises above reset threshold. When
the shutdown control (SHDN1) is low, the regulator
output voltage VOUT1 falls to zero and RESET output
remains valid. When the shutdown control (SHDN2)is
low, the regulator output voltage VOUT2 falls to zero and
RESET output is low.
Other key features for the device include ultra low noise
operation, fast response to step changes in load and
very low dropout voltage (typically 125mV at full load).
The device also incorporates both over temperature
and over current protection. Each regulator is stable
with an output capacitor of only 1
µF and has a
maximum output current of 150mA.
Typical Application
Part Number
Package
Junction
Temperature
Range
TC1306R-BDVUA
8-Pin MSOP
-40°C to +125°C
SHDN2
VIN
VOUT2
VOUT1
1
GND
SELECT
2
3
4
8
7
6
5
SHDN1
RESET
TC1306
8-Pin MSOP
VOUT2
VOUT1
RESET
TC1306
3.3
µF
3.3
µF
1
2
3
4
8
7
6
5
VIN
GND
SELECT
SHDN1
SHDN2
TC1306
Dual 150mA CMOS LDO With Select Mode™ Operation,
Shutdown and RESET Output


Similar Part No. - TC1306

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC1306D-560M PRODUCTWELL-TC1306D-560M Datasheet
129Kb / 4P
TOROID INDUCTORS
logo
Microchip Technology
TC1306R-BDVUA MICROCHIP-TC1306R-BDVUA Datasheet
535Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
More results

Similar Description - TC1306

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC1305 MICROCHIP-TC1305 Datasheet
530Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
2002
TC1307 MICROCHIP-TC1307 Datasheet
553Kb / 28P
Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
2002
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
logo
Unisonic Technologies
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com