Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1306 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1306
Description  Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1306 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1306 Datasheet HTML 6Page - Microchip Technology TC1306 Datasheet HTML 7Page - Microchip Technology TC1306 Datasheet HTML 8Page - Microchip Technology TC1306 Datasheet HTML 9Page - Microchip Technology TC1306 Datasheet HTML 10Page - Microchip Technology TC1306 Datasheet HTML 11Page - Microchip Technology TC1306 Datasheet HTML 12Page - Microchip Technology TC1306 Datasheet HTML 13Page - Microchip Technology TC1306 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC1306
DS21527B-page 10
© 2002 Microchip Technology Inc.
6.0
TYPICAL CHARACTERISTICS (CONTINUED)
Load Transient Response
Time (500ms / div)
VOUT2
VOUT1
VIN = 5.5V
RLOAD = 30kΩ
RL = 30Ω
COUT1 = COUT2 = 10µF Ceramic
100mA
100
µA
Load Transient Response
Time (500ms / div)
VOUT2
VOUT1
VIN = 5.5V
RLOAD = 30kΩ
RL = 30Ω
COUT1 = COUT2 = 10µF Ceramic
100mA
100
µA
VOUT2
VOUT1
/Shdn1 = /Shdn2
3.0V
1.8V
Time (20ms / div)
Wake-Up Response
COUT1 = COUT2 = 1µF Tantalum
VIN = 5.5V
RLOAD = 30kΩ
Time (500ms / div)
VOUT2
VOUT1
Thermal Shutdown Response
VIN = 5.5V
RLOAD = 30kΩ
RL = 30Ω
COUT1 = COUT2 = 1µF Tantalum
100mA
100
µA
Time (500ms / div)
VOUT2
VOUT1
VIN = 5.5V
RLOAD = 30kΩ
RL = 30Ω
COUT1 = COUT2 = 1µF Tantalum
100mA
100
µA
Thermal Shutdown Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com