Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1306 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1306
Description  Dual 150mA CMOS LDOWith Select Mode??Operation, Shutdown and RESET Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1306 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1306 Datasheet HTML 3Page - Microchip Technology TC1306 Datasheet HTML 4Page - Microchip Technology TC1306 Datasheet HTML 5Page - Microchip Technology TC1306 Datasheet HTML 6Page - Microchip Technology TC1306 Datasheet HTML 7Page - Microchip Technology TC1306 Datasheet HTML 8Page - Microchip Technology TC1306 Datasheet HTML 9Page - Microchip Technology TC1306 Datasheet HTML 10Page - Microchip Technology TC1306 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21527B-page 7
TC1306
6.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
VDD = 6.0V, IL = 100µA
VDD = 6.0V, IL = 100µA
1.81
1.80
1.79
1.78
1.77
1.76
1.75
1.74
2.505
2.500
2.495
2.490
2.485
2.480
2.475
2.470
2.465
2.460
3.000
2.995
2.990
2.985
2.980
2.975
2.970
2.965
2.960
2.955
2.950
VOUT1 at Various VDD and
Load vs. Temperature
VDD = 6.0V, IL = 100µA Load
VDD = 2.8V,
IL = 150mA Load
VDD = 6.0V, IL = 100mA Load
TEMPERATURE (
°C)
-40
-20
5
125
105
80
55
30
TEMPERATURE (
°C)
-40
-20
5
125
105
80
55
30
TEMPERATURE (
°C)
-40
-20
5
125
105
80
55
30
VOUT2 at Various VDD /
Load Current vs. Temperature
(Select = GND)
VOUT2 at Various VDD /
Load Current vs. Temperature
(Select = VDD)
VDD = 3.8V, IL = 150mA
VDD = 3.8V, IL = 100mA
VDD = 3.8V, IL = 50mA
VDD = 3.8V, IL = 100µA
VDD = 4.0V, IL = 100µA
VDD = 3.8V, IL = 50mA
VDD = 3.8V, IL = 100mA
VDD = 4.0V, IL = 150mA
3
3.5
4
4.5
5
5.5
6
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
160
140
120
100
80
60
40
20
0
Load Regulation 1 vs.
Temperature
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
IDD vs. VDD (Select = GND)
Load Regulation 2 vs.
Temperature (Select = GND)
TEMPERATURE (
°C)
-40
-20
5
125
105
80
55
30
TEMPERATURE (
°C)
-40
-20
5
125
105
80
55
30
VDD (V)
125
°C
-40
°C
25
°C
% Load Reg #1, IL = 0.1 to 150mA
IL = 0.1 to 150mA
LOAD CURRENT (mA)
0
25
50
75
100
125 150
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
Load Regulation 2 vs.
Temperature (Select = VDD)
Dropout Voltage vs.
Load Current (Select = GND)
Dropout Voltage vs.
Load Current (Select = VDD)
TEMPERATURE (
°C)
-40
-20
5
125
105
80
55
30
IL = 0.1 to 150mA
-40
°C
25
°C
125
°C
-40
°C
25
°C
LOAD CURRENT (mA)
0
25
50
75
100
125 150
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com