Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC56 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC56
Description  150mA, 10V LDO with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC56 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC56 Datasheet HTML 5Page - Microchip Technology TC56 Datasheet HTML 6Page - Microchip Technology TC56 Datasheet HTML 7Page - Microchip Technology TC56 Datasheet HTML 8Page - Microchip Technology TC56 Datasheet HTML 9Page - Microchip Technology TC56 Datasheet HTML 10Page - Microchip Technology TC56 Datasheet HTML 11Page - Microchip Technology TC56 Datasheet HTML 12Page - Microchip Technology TC56 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2002 Microchip Technology Inc.
DS21436B-page 9
TC56
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
TC563002 (3V)
TC563002 (3V)
9. INPUT TRANSIENT RESPONSE 2 (CONT.)
TIME (1 msec/div)
TIME (1 msec/div)
5
4
3
0
6
2
1
3.15
3.10
3.05
2.90
3.20
3.00
2.95
5
4
3
0
6
2
1
3.15
3.10
3.05
2.90
3.20
3.00
2.95
Input Voltage
Output Voltage
Input Voltage
O
Output Voltage
IOUT = 1mA, CL = 10µF (Tantalum)
IOUT = 10mA, CL = 10µF (Tantalum)
TIME (2 msec/div)
10. LOAD TRANSIENT RESPONSE
TIME (2 msec/div)
VIN = 6V, CL = 10µF (Tantalum)
3.1
3.0
2.9
2.6
3.2
2.8
2.7
VIN = 4V, CL = 10µF (Tantalum)
5.1
5.0
4.9
4.6
5.2
4.8
4.7
200
160
120
0
240
80
40
200
160
120
0
240
80
40
40mA Output Current
40mA Output Current
1mA
O
Output Voltage
40mA Output Current
40mA Output Current
1mA
O
Output Voltage
TC565002 (5V)
TC565002 (5V)
TIME (0.1 msec/div)
TIME (0.1 msec/div)
VIN = 6V
IOUT = 1mA, CL = 10µF (Tantalum)
VIN = 6V
IOUT = 10mA, CL = 10µF (Tantalum)
3
4
5
6
8
7
2
1
0
3
4
5
6
8
7
2
1
0
V
= 1.5V
IH
IH
VIL
IL = 0.25V
O
Output Voltage
VIL
IL = 0.25V
O
Output Voltage
11. SHDN PIN TRANSIENT RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com