Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC56 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC56
Description  150mA, 10V LDO with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC56 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC56 Datasheet HTML 2Page - Microchip Technology TC56 Datasheet HTML 3Page - Microchip Technology TC56 Datasheet HTML 4Page - Microchip Technology TC56 Datasheet HTML 5Page - Microchip Technology TC56 Datasheet HTML 6Page - Microchip Technology TC56 Datasheet HTML 7Page - Microchip Technology TC56 Datasheet HTML 8Page - Microchip Technology TC56 Datasheet HTML 9Page - Microchip Technology TC56 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC56
DS21436B-page 6
 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
0
20 40 60
100
140
OUTPUT CURRENT IOUT (mA)
0
40
80
120 140
180
OUTPUT CURRENT IOUT (mA)
0.0
0.2
0.4
0.8
20
60
100
160
T
TOPR = 25°C
80
°C
-30
°C
0.0
0.2
0.4
0.6
1.0
80
120
160 180
T
TOPR = 25°C
-30
°C
8
80
°C
0.6
0.8
3. INPUT/OUTPUT VOLTAGE DIFFERENTIAL vs. OUTPUT CURRENT
1.0
CIN = 4.7µF, CL = 10µF (Tantalum)
CIN = 4.7µF, CL = 10µF (Tantalum)
0
2
4
10
INPUT VOLTAGE VIN (V)
TC563002 (3V)
0.5
0.4
0.3
0.2
0
10
INPUT VOLTAGE VIN (V)
TC565002 (5V)
0.6
0.7
6
8
0.2
0.3
0.4
0.5
0.6
0.7
2
4
6
8
80
°C
25
°C
"
"L" Level Voltage
TO
OPR = 30°C
"
"
"H" Level Voltage
TO
OPR = 30°C
25
°C
80
°C
4. SHDN PIN THRESHOLD VOLTAGE vs. INPUT VOLTAGE
"L" Level Voltage
"
"
"H" Level Voltage
0
4
8
10
TC565002 (5V)
14
6
5
6
7
10
TC565002 (5V)
10
16
0
5.0
10
15
2
20
12
8
8
9
TO
OPR = 80°C
C
INPUT VOLTAGE VIN (V)
INPUT VOLTAGE VIN (V)
6
5. SUPPLY CURRENT vs. INPUT VOLTAGE
TO
OPR = 80°C
C
25
°C
-30
°C
25
°C
-30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com