Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC56 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC56
Description  150mA, 10V LDO with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC56 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC56 Datasheet HTML 6Page - Microchip Technology TC56 Datasheet HTML 7Page - Microchip Technology TC56 Datasheet HTML 8Page - Microchip Technology TC56 Datasheet HTML 9Page - Microchip Technology TC56 Datasheet HTML 10Page - Microchip Technology TC56 Datasheet HTML 11Page - Microchip Technology TC56 Datasheet HTML 12Page - Microchip Technology TC56 Datasheet HTML 13Page - Microchip Technology TC56 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC56
DS21436B-page 10
 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
TIME: (0.1 msec/div)
TC563002 (3V)
TC563002 (3V)
TIME: (0.1 msec/div)
5
4
3
0
6
2
1
5
4
3
0
6
2
1
SHDN Pin Input Voltage
HDN Pin Input Voltage
O
Output Current
O
Output Current
11. SHDN PIN TRANSIENT RESPONSE (CONT.)
SHDN Pin Input Voltage
HDN Pin Input Voltage
VIN = 4V
IOUT = 1mA, CL = 10µF (Tantalum)
VIN = 4V
IOUT = 10mA, CL = 10µF (Tantalum)
VIH
IH = 1.5V
VIH
IH
IH = 1.5V
VIL
IL = 0.25V
VIL
IL = 0.25V
TC563002 (3V)
TC565002 (5V)
RIPPLE FREQUENCY f (kHz)
12. RIPPLE REJECTION RATE
30
40
50
60
80
70
20
10
0
RIPPLE FREQUENCY f (kHz)
30
40
50
60
80
70
20
10
0
0.01
0.1
1
10
0.01
0.1
1
10
V
DC +1Vp–pAC,
IOUT = 40mA, L
µ
V
= 6VDC +1Vp–pAC,
IOUT = 40mA, CL
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com