Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC56 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC56
Description  150mA, 10V LDO with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC56 Datasheet(HTML) 3 Page - Microchip Technology

  TC56 Datasheet HTML 1Page - Microchip Technology TC56 Datasheet HTML 2Page - Microchip Technology TC56 Datasheet HTML 3Page - Microchip Technology TC56 Datasheet HTML 4Page - Microchip Technology TC56 Datasheet HTML 5Page - Microchip Technology TC56 Datasheet HTML 6Page - Microchip Technology TC56 Datasheet HTML 7Page - Microchip Technology TC56 Datasheet HTML 8Page - Microchip Technology TC56 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2002 Microchip Technology Inc.
DS21436B-page 3
TC56
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
The TC56 is a precision, fixed output LDO. Unlike
bipolar regulations, the TC56 supply current does not
increase with load current.
3.1
Output Capacitor
A 10
µF tantalum capacitor from VOUT to ground is
recommended. The output capacitor should have an
effective series resistance greater than 0.1
Ω and less
than 5.0
Ω, and a resonant frequency above 1MHz. It is
recommended that a 4.7
µF capacitor be connected
from VIN to GND. When operating from sources other
than batteries, supply noise rejection and transient
response can be improved by increasing the value of
the input and output capacitors and employing passive
filtering techniques.
3.2
Shutdown Input
The TC56 enters a low power shutdown mode when
the shutdown control input (SHDN) is low. During
shutdown, the regulator is disabled and supply current
is reduced to 0.1
µA (max). Normal operation is
restored when SHDN is driven high. If not required, the
SHDN input can be tied to VIN.
Pin No.
(5-Pin SOT-23A)
Symbol
Description
1VSS
Ground.
2VIN
Supply voltage input.
3SHDN
Shutdown input.
4
(NC)
No connection.
5VOUT
Regulated voltage output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com