Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC56 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC56
Description  150mA, 10V LDO with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC56 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC56 Datasheet HTML 7Page - Microchip Technology TC56 Datasheet HTML 8Page - Microchip Technology TC56 Datasheet HTML 9Page - Microchip Technology TC56 Datasheet HTML 10Page - Microchip Technology TC56 Datasheet HTML 11Page - Microchip Technology TC56 Datasheet HTML 12Page - Microchip Technology TC56 Datasheet HTML 13Page - Microchip Technology TC56 Datasheet HTML 14Page - Microchip Technology TC56 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
 2002 Microchip Technology Inc.
DS21436B-page 11
TC56
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
6.2
Taping Form
Symbol
Voltage
A0.
B1.
C2.
D3.
E4.
F5.
H6.
3
1
represents the integer of the output voltage
Symbol
Voltage
Symbol
Voltage
A.0
F
.5
B.1
H
.6
C.2
K
.7
D
.3L.8
E.4
M
.9
Symbol
REGULAR
2
represents the integer of the output voltage
3
represents the transition response
4
represents assembly lot code
Component Taping Orientation for 5-Pin SOT-23A (EIAJ SC-74A) Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
5-Pin SOT-23A
8 mm
4 mm
3000
7 in
Carrier Tape, Number of Components Per Reel and Reel Size
User Direction of Feed
Device
Marking
PIN 1
Standard Reel Component Orientation
TR Suffix Device
(Mark Right Side Up)
W
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com