Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC56 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC56
Description  150mA, 10V LDO with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC56 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC56 Datasheet HTML 4Page - Microchip Technology TC56 Datasheet HTML 5Page - Microchip Technology TC56 Datasheet HTML 6Page - Microchip Technology TC56 Datasheet HTML 7Page - Microchip Technology TC56 Datasheet HTML 8Page - Microchip Technology TC56 Datasheet HTML 9Page - Microchip Technology TC56 Datasheet HTML 10Page - Microchip Technology TC56 Datasheet HTML 11Page - Microchip Technology TC56 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC56
DS21436B-page 8
 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
TC563002 (3V)
TC563002 (3V)
TIME: (0.1 msec/div)
TC565002 (5V)
8. INPUT TRANSIENT RESPONSE 1
-2
0
2
4
8
6
-4
-6
-8
TIME: (0.1 msec/div)
-2
0
2
4
8
6
-4
-6
-8
4
2
0
–6
6
–2
–4
TIME: (0.1 msec/div)
TIME: (0.1 msec/div)
4
2
0
–6
6
–2
–4
3
4
5
6
8
7
2
1
0
3
4
5
6
8
7
2
1
0
5
4
3
0
6
2
1
5
4
3
0
6
2
1
Input Voltage
Output Voltage
IOUT = 10mA, CL = 10µF (Tantalum)
Input Voltage
Output Voltage
Input Voltage
O
Output Voltage
IOUT = 1mA, CL = 10µF (Tantalum)
IOUT = 10mA, CL = 10µF (Tantalum)
Input Voltage
O
Output Voltage
IOUT = 1mA, CL = 10µF (Tantalum)
TC565002 (5V)
3
4
5
6
7
8
9. INPUT TRANSIENT RESPONSE 2
TIME: (0.1 msec/div)
TIME: (0.1 msec/div)
3
4
5
6
7
8
4.9
5.0
5.1
5.2
5.3
5.4
4.9
5.0
5.1
5.2
5.3
5.4
Input Voltage
O
Output Voltage
Input Voltage
O
Output Voltage
IOUT = 1mA, CL = 10µF (Tantalum)
IOUT = 10mA, CL = 10µF (Tantalum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com