Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC56 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC56
Description  150mA, 10V LDO with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC56 Datasheet(HTML) 2 Page - Microchip Technology

  TC56 Datasheet HTML 1Page - Microchip Technology TC56 Datasheet HTML 2Page - Microchip Technology TC56 Datasheet HTML 3Page - Microchip Technology TC56 Datasheet HTML 4Page - Microchip Technology TC56 Datasheet HTML 5Page - Microchip Technology TC56 Datasheet HTML 6Page - Microchip Technology TC56 Datasheet HTML 7Page - Microchip Technology TC56 Datasheet HTML 8Page - Microchip Technology TC56 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC56
DS21436B-page 2
 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Input Voltage ........................................................+12V
Output Current ..................................................500mA
Output Voltage.......................VSS – 0.3V to VIN + 0.3V
SHDN Input Voltage ..............VSS – 0.3V to VIN + 0.3V
Power Dissipation (SOT-23).............................150mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range ..............-40°C to +125°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC56 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VIN = VOUT +1V, TA = 25°C, CIN = 4.7µF, COUT = 10µF, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Input Voltage
——
10
V
VOUT
Output Voltage
0.98 x VR VR ±0.5% 1.02 x VR
VIOUT = 40mA (Note 1)
IOUTMAX
Maximum Output Current
150
180
mA
VR ≥ 2.7V, VOUT = 3V (Note 1)
VR ≥ 4.5V, VOUT = 5V (Note 1)
∆VOUT
Load Regulation
45
40
90
80
mV
1mA
≤ IOUT ≤ 80mA, VOUT = 3V
1mA
≤ IOUT ≤ 80mA, VOUT = 5V
VIN - VOUT
Dropout Voltage
200
380
165
330
395
770
330
660
mV
IOUT = 80mA, VOUT = 3V
IOUT = 160mA, VOUT = 3V
IOUT = 100mA, VOUT = 5V
IOUT = 200mA, VOUT = 5V (Note 2)
IDD
Supply Current
11
13
19
21
µAVSHDN = VIN = 4V
VSHDN = VIN = 6V
ISHDN
Shutdown Supply Current
——
0.1
µAVSHDN = GND
∆VOUT/∆VIN
Line Regulation
0.2
0.3
%/V
IOUT = 40mA, 4V ≤ VIN ≤ 10V
∆VOUT/∆TVOUT Temperature Coefficient
±100
ppm/°CIOUT = 10mA, -40°C < TJ < +85°C
VIH
SHDN Input High Logic Threshold
1.5
——
V
VIL
SHDN Input Low Logic Threshold
——
0.25
V
IIH
SHDN Input Current @VIH
——
5.0
µAVSHDN = VIN
IIL
SHDN Input Current @VIL
-0.2
-0.05
0
µAVSHDN = GND
Note 1:
VR is the regulator output voltage setting.
2:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at a
1V differential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com