Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC56 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC56
Description  150mA, 10V LDO with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC56 Datasheet(HTML) 1 Page - Microchip Technology

  TC56 Datasheet HTML 1Page - Microchip Technology TC56 Datasheet HTML 2Page - Microchip Technology TC56 Datasheet HTML 3Page - Microchip Technology TC56 Datasheet HTML 4Page - Microchip Technology TC56 Datasheet HTML 5Page - Microchip Technology TC56 Datasheet HTML 6Page - Microchip Technology TC56 Datasheet HTML 7Page - Microchip Technology TC56 Datasheet HTML 8Page - Microchip Technology TC56 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
 2002 Microchip Technology Inc.
DS21436B-page 1
M
TC56
Features
• Low Dropout Voltage: 200mV typ. at 80mA,
380mV typ. at 160mA
• High Output Current: 180mA (VOUT = 5.0V)
• High Accuracy Output Voltage (±2%)
• Low Power Consumption: 11
µA (Oper.),
0.1
µA (Shutdown)
• Low Temperature Drift (±100ppm/°C typ.)
• Excellent Line Regulation (0.2%/V typ.)
• Space Saving 5-Pin SOT-23A Package
• Short Circuit Protection
• Standard 2.5V, 3.0V and 3.3V Output Voltages
Applications
• Battery Powered Devices
• Cameras and Portable Video Equipment
• Pagers and Cellular Phones
• Solar Powered Instruments
• Consumer Products
Device Selection Table
*Other
output
voltages
are
available.
Please
contact
Microchip Technology Inc. for details.
Package Type
General Description
The TC56 is a low supply current (11
µA typical at
VOUT = 3V), low dropout CMOS linear regulator, with a
10V maximum input voltage range. CMOS construction
eliminates wasted ground current, typical of bipolar
regulators, for greater system efficiencies and longer
operating time in battery-powered systems. The TC56
enters shutdown mode when the shutdown control
input (SHDN) is low. During shutdown, the regulator is
shut off, and supply current falls to 0.1
µA maximum.
Normal operation is restored when SHDN is returned to
a logic high. Low current consumption, 10V supply
tolerance and space-saving 5-Pin SOT-23A packaging
makes the TC56 ideal for a wide variety of applications.
Functional Block Diagram
Part Number
Output
Voltage
(V)*
Package
Temperature
Range
TC562502ECT
2.5
5-Pin SOT-23A -40°C to +85°C
TC563002ECT
3.0
5-Pin SOT-23A -40°C to +85°C
TC563302ECT
3.3
5-Pin SOT-23A -40°C to +85°C
5
VOUT
VSS
SHDN
5-Pin SOT-23A
TC56
13
4
NC
2
VIN
TC56
5
4
1
2
3
10
µF
Tantalum
VOUT
(NC)
VSS
VIN
SHDN
VOUT
ON OFF Shutdown
Control
4.7
µF
Tantalum
VIN
150mA, 10V LDO with Shutdown


Similar Part No. - TC56

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
TC56 SUMIDA-TC56 Datasheet
128Kb / 1P
Strobe Light Trigger coil
logo
List of Unclassifed Man...
TC56V ETC1-TC56V Datasheet
980Kb / 10P
500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC56V TAK_CHEONG-TC56V Datasheet
171Kb / 5P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
France Joint
TC56X68X6 FRANCEJOINT-TC56X68X6 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
TC56X70X9 FRANCEJOINT-TC56X70X9 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
More results

Similar Description - TC56

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1305 MICROCHIP-TC1305 Datasheet
530Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and Independent RESET Output
2002
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181 Datasheet
200Kb / 10P
150MA LDO REGULATOR WITH POG
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
150mA MicroPower??LDO with PowerOK
logo
Advanced Analogic Techn...
AAT3216 ANALOGICTECH-AAT3216 Datasheet
184Kb / 16P
150mA MicroPower??LDO with PowerOK
logo
Microchip Technology
TC1306 MICROCHIP-TC1306_07 Datasheet
535Kb / 18P
Dual 150mA CMOS LDO With Select Mode??Operation, Shutdown and RESET Output
2007
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
logo
Taiwan Semiconductor Co...
TS9010 TSC-TS9010_07 Datasheet
236Kb / 6P
150mA CMOS LDO with Enable
TS9010 TSC-TS9010_08 Datasheet
82Kb / 6P
150mA CMOS LDO with Enable
logo
Unisonic Technologies
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com