Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC56 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC56
Description  150mA, 10V LDO with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC56 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC56 Datasheet HTML 3Page - Microchip Technology TC56 Datasheet HTML 4Page - Microchip Technology TC56 Datasheet HTML 5Page - Microchip Technology TC56 Datasheet HTML 6Page - Microchip Technology TC56 Datasheet HTML 7Page - Microchip Technology TC56 Datasheet HTML 8Page - Microchip Technology TC56 Datasheet HTML 9Page - Microchip Technology TC56 Datasheet HTML 10Page - Microchip Technology TC56 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2002 Microchip Technology Inc.
DS21436B-page 7
TC56
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
3
5
7
10
INPUT VOLTAGE VIN (V)
TC563002 (3V)
15
10
5.0
0
0
10
INPUT VOLTAGE VIN (V)
TC563002 (3V)
20
6
8
9
6.0
8.0
10
12
14
16
25
°C
2
4
8
80
°C
-30
°C
25
°C
6
4
-30
°C
5. SUPPLY CURRENT vs. INPUT VOLTAGE (CONT.)
80
°C
-40
-20
20
AMBIENT TEMP. TOPR (°C)
-40
0
40
80
AMBIENT TEMP. TOPR (°C)
TC563002 (3V)
5.10
TC565002 (5V)
4.90
4.95
5.00
5.05
-20
20
60
2.90
2.95
3.00
3.05
3.10
0
40
60
80
6. OUTPUT VOLTAGE vs. AMBIENT TEMPERATURE
40mA
IOUT
A
= 10mA
IOUT = 10mA
40mA
VIN = 6V
CIN = 4.7µF, CL = 10µF (Tantalum)
VIN = 4V
CIN = 4.7µF, CL = 10µ
-40
20
80
TC563002 (3V)
12
10
8.0
6.0
-40
80
AMBIENT TEMP. TOPR (°C)
TC565002 (5V)
14
16
0
VIN = 6V
6.0
8.0
10
12
14
16
7. SUPPLY CURRENT vs. AMBIENT TEMPERATURE
-20
20
40
60
AMBIENT TEMP. TOPR (°C)
VIN = 4V
-20
0
40
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com