Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3131 Datasheet (PDF) - Rohm

BA3131 Datasheet PDF - Rohm
Part # BA3131
Download  BA3131 Download
File Size   110.07 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)

BA3131 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA3131 Datasheet PDF - Rohm

Part # BA3131
Download  BA3131 Click to download

File Size   110.07 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)

BA3131 Datasheet (HTML) - Rohm


BA3131 Product details

The BA3131FS contains two built-in circuits with operational amplifiers configured of three differential input circuits, an output circuit, and a switch circuit. The three differential input circuits are separate, enabling independent settings to be entered for the gain and frequency characteristics.



Applications

Car stereos, audio amplifiers and other electronic circuits



Features

1) High gain and low distortion. (Gv = 110dB, THD = 0.0015% typ.)

2) Low noise. (Vn = 2µVrms typ.)

3) Switching circuit can be directly coupled to microcomputer port.

4) Small switching noise.

5) Equipped with 1 / 2 Vcc output circuit for single power supply.




Similar Part No. - BA3131

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3131FS ROHM-BA3131FS Datasheet
124Kb / 5P
Silicon Monolithic Integrated Circuit
BA3131FS ROHM-BA3131FS_1 Datasheet
221Kb / 6P
3 Dual operational amplifier with switch for car audio systems
BA3131FS ROHM-BA3131FS_11 Datasheet
124Kb / 5P
Silicon Monolithic Integrated Circuit
More results


Similar Description - BA3131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA3128N ETC1-BA3128N Datasheet
229Kb / 11P
Audio-switched operational amplifier(2 inputs, 1 output)
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
2.5W 횞 2 Class AB Audio Power Amplifier
logo
Rohm
BA3131FS ROHM-BA3131FS_1 Datasheet
221Kb / 6P
3 Dual operational amplifier with switch for car audio systems
logo
Sanyo Semicon Device
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
logo
Toshiba Semiconductor
TA8246AHQ TOSHIBA-TA8246AHQ Datasheet
286Kb / 11P
Dual Audio Power Amplifier 6 W 횞 2 Ch
TA8246AH TOSHIBA-TA8246AH_02 Datasheet
192Kb / 11P
Dual Audio Power Amplifier 6 W 횞 2 Ch
TA8256BH TOSHIBA-TA8256BH_02 Datasheet
212Kb / 11P
Audio Power Amplifier 6 W 횞 3 Ch
logo
Princeton Technology Co...
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
2W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
2.5W 횞 2 Class AB Audio Power Amplifier
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com