Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2303 Datasheet (PDF) - Princeton Technology Corp

PT2303 Datasheet PDF - Princeton Technology Corp
Part # PT2303
Download  PT2303 Download
File Size   425.4 Kbytes
Page   17 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2W 횞 2 Class AB Audio Power Amplifier

PT2303 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2303 Datasheet PDF - Princeton Technology Corp

Part # PT2303
Download  PT2303 Click to download

File Size   425.4 Kbytes
Page   17 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2W 횞 2 Class AB Audio Power Amplifier

PT2303 Datasheet (HTML) - Princeton Technology Corp


PT2303 Product details

DESCRIPTION

The PT2303 is a power amplifier utilizing CMOS Technology specially designed for audio purpose. It

can deliver 2W × 2 power output tothe 5V power voltage. The powerconsumption is very low in

stand-by. Total harmonic distortion is lower than 0.03%. The output mode can be switched between

the SE (Single-Ended) or BTL (Bridge-Tied Load) mode.Built-in over-temperature protection, package

size is not occupies PCB space. It is suitable for small or portable products.



FEATURES

•CMOS Technology

•Stereo input

• Output power 2W × 2 (4Ω)

• Low harmonics distortion (0.03%)

• SE and BTL modes operation

• Suppress the pop and click noise when mode changed

• Shutdown function, turn on can into save mode (Icc<0.5µA)

• Built-in overheat protect



APPLICATIONS

• LCD monitor (for TV)

•Portable audio

•Multimedia speakers

• Other audio applications




Similar Part No. - PT2303

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
PT2300 YONGFUKANG-PT2300 Datasheet
337Kb / 5P
Audio power amplifier
logo
Princeton Technology Co...
PT2300-S PTC-PT2300-S Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
PT2300-SL PTC-PT2300-SL Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
PT2300L PTC-PT2300L Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
More results


Similar Description - PT2303

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
2.5W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493 Datasheet
145Kb / 7P
2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
logo
Analog Devices
SSM2356 AD-SSM2356 Datasheet
639Kb / 16P
2 횞 2W Filterless Class-D Stereo Audio Amplifier
REV. 0
logo
Princeton Technology Co...
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
2.5W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493_08 Datasheet
219Kb / 7P
2W X 2 CLASS AB AUDIO POWER AMPLIFIER (WITH DC_VOLUME CONTROL)
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
ISD8102 ETC2-ISD8102 Datasheet
719Kb / 19P
2W Class AB Audio Amplifier with Chip Enable
logo
Nuvoton Technology Corp...
ISD8102 NUVOTON-ISD8102 Datasheet
719Kb / 19P
2W Class AB Audio Amplifier with Chip Enable
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
Class AB Audio Amplifier
2014 V1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com