Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3257FP Datasheet (PDF) - Rohm

BA3257FP Datasheet PDF - Rohm
Part # BA3257FP
Download  BA3257FP Download
File Size   215.74 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Dual Low Drop Out Regulator Ceramic Capacitor Available

BA3257FP Datasheet (PDF)

Go To PDF Page Download Datasheet
BA3257FP Datasheet PDF - Rohm

Part # BA3257FP
Download  BA3257FP Click to download

File Size   215.74 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Dual Low Drop Out Regulator Ceramic Capacitor Available

BA3257FP Datasheet (HTML) - Rohm


BA3257FP Product details

Description

BA3257FP/HFP is a power supply IC in which 2-output series regulators are incorporated into a power package (TO252-5/HRP-5). 2-outputs are 3.3V and a variable output.(Above 1.5V can be set.) Each current is 1A. Ceramic capacitor is available for output.



Features

1) 3.3V/1A and Variable(1.25V standard)/1A

2) Output ceramic capacitor available

3) Output voltage accuracy :+/-2%

4) Built-in over-current and thermal protection circuit

5) TO252-5 package and HRP-5 package



Applications

  HDD/DVD



 




Similar Part No. - BA3257FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3258FP ROHM-BA3258FP Datasheet
210Kb / 2P
Dual Low Drop Out Regulator Ceramic Capacitor Available
BA3258HFP ROHM-BA3258HFP Datasheet
210Kb / 2P
Dual Low Drop Out Regulator Ceramic Capacitor Available
BA3258HFP ROHM-BA3258HFP Datasheet
189Kb / 6P
Dual Low-Dropout Voltage Regulator
BA3258HFP ROHM-BA3258HFP Datasheet
357Kb / 9P
Dual-output Secondary Fixed Output LDO Regulators for Local Power Supplies
BA3258HFP ROHM-BA3258HFP Datasheet
307Kb / 9P
Dual Output Secondary Fixed Output LDO Regulators
More results


Similar Description - BA3257FP

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
Rohm
BA3258FP ROHM-BA3258FP Datasheet
210Kb / 2P
Dual Low Drop Out Regulator Ceramic Capacitor Available
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
Nov-1988
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ELMOS Semiconductor AG
E522.40B ELMOS-E522.40B Datasheet
167Kb / 2P
Dual Low Drop Out Voltage Regulator with Digital Diagnosis
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com