Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA5152F Datasheet (PDF) - Rohm

BA5152F Datasheet PDF - Rohm
Part # BA5152F
Download  BA5152F Download
File Size   110.38 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1.5V / 15mW dual power amplifier

BA5152F Datasheet (PDF)

Go To PDF Page Download Datasheet
BA5152F Datasheet PDF - Rohm

Part # BA5152F
Download  BA5152F Click to download

File Size   110.38 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1.5V / 15mW dual power amplifier

BA5152F Datasheet (HTML) - Rohm


BA5152F Product details

The BA5152F is a dual-channel power amplifier designed for 1.5V headphone stereos. The circuit consists of a power supply circuit, mute circuit, bias circuit, and two amplifier circuits. To simplify assembly, the gain is fixed, so external negative-feedback components are not required.

Features
1) High output. POUT = 15mW (RL = 16Ω).
2) Small “pop” noise.
3) Mute circuit terminal provided.
4) Terminals provided for radiation countermeasures.
5) Good ripple rejection ratio.
6) Few external components required.
7) Good low-voltage characteristics.
8) Built-in power switch circuit.

Applications
    1.5V headphone Hi-Fi stereos




Similar Part No. - BA5152F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA515 ROHM-BA515 Datasheet
133Kb / 2P
3V/230mW Power Amplifier
More results


Similar Description - BA5152F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2016FN TOSHIBA-TA2016FN Datasheet
281Kb / 8P
1.5V BUFFER AMPLIFIER
TA8106F TOSHIBA-TA8106F Datasheet
420Kb / 8P
STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
TA8157AF TOSHIBA-TA8157AF Datasheet
484Kb / 14P
STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
logo
Rohm
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
Pre / power amplifier for 1.5V headphone stereos
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
Power Amplifier for 1.5V Headphone Stereos?
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4537M SANYO-LA4537M_08 Datasheet
204Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
Power Amplifier for 1.5V Headphone Stereos
May, 2013
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com