Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3632K Datasheet (PDF) - Rohm

BA3632K Datasheet PDF - Rohm
Part # BA3632K
Download  BA3632K Download
File Size   339.04 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pre / power amplifier for 1.5V headphone stereos

BA3632K Datasheet (PDF)

Go To PDF Page Download Datasheet
BA3632K Datasheet PDF - Rohm

Part # BA3632K
Download  BA3632K Click to download

File Size   339.04 Kbytes
Page   16 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pre / power amplifier for 1.5V headphone stereos

BA3632K Datasheet (HTML) - Rohm


BA3632K Product details

The BA3632K is a dual-channel pre / power system IC designed for 1.5V headphone stereos. There is no need for DC/DC conversion, and the system can operate off a single battery. The IC draws low current (ICC = 2.6mA) to allow long set life.

Features
1) Dual pre-amplifiers with auto reverse compatibility.
2) Dual power amplifiers.
3) Bass boost circuit (variable bass boost).
4) AMS circuit (on chip comparator).
5) Ripple filter.
6) Low power consumption (ICC = 6.8mA, 0.5W  2ch, RL = 32Ω).

Applications
    1.5V headphone stereos.




Similar Part No. - BA3632K

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA36 L-COM-BA36 Datasheet
71Kb / 1P
SMA JACK TO UHF PLUG
5/10/02
logo
Kingbright Corporation
BA36-12GWA KINGBRIGHT-BA36-12GWA Datasheet
99Kb / 3P
9mm (0.36INCH) THREE DIGIT NUMERIC DISPLAY
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
Pre-power amplifier for headphone stereos
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
Recording amplifier with built-in ALC for headphone stereos
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
108Kb / 5P
Silicon Monolithic Integrated Circuit
More results


Similar Description - BA3632K

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3528AFP ROHM-BA3528AFP Datasheet
258Kb / 14P
Pre / power amplifier and motor governor for 3V headphone stereos
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
Pre-power amplifier for headphone stereos
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
Power Amplifier for 3V Headphone Stereos
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
Power Amplifier for 1.5V Headphone Stereos?
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M_08 Datasheet
204Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com