Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4533M Datasheet (PDF) - Sanyo Semicon Device

LA4533M Datasheet PDF - Sanyo Semicon Device
Part # LA4533M
Download  LA4533M Download
File Size   72.85 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Power Amplifier for 3V Headphone Stereos

LA4533M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4533M Datasheet PDF - Sanyo Semicon Device

Part # LA4533M
Download  LA4533M Click to download

File Size   72.85 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Power Amplifier for 3V Headphone Stereos

LA4533M Datasheet (HTML) - Sanyo Semicon Device


LA4533M Product details

Features
• Low current consumption.
• 16Ω load drive capability.
• Excellent reduced voltage characteristics.
• Excellent power supply ripple rejection.
• Minimum number of external parts required (no input capacitor, feedback capacitor required).
• Applicable to radio sets because of high voltage gain.
• Less harmonic interference in radio band.
• On-chip power switch function, muting function.




Similar Part No. - LA4533M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4534 SANYO-LA4534 Datasheet
193Kb / 8P
3V CD Headphone-stereo Power Amp
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
3V CD Headphone-stereo Power Amp
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
Power Amp For 1.5V Headphone Stereo
LA4535M SANYO-LA4535M Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
More results


Similar Description - LA4533M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3528AFP ROHM-BA3528AFP Datasheet
258Kb / 14P
Pre / power amplifier and motor governor for 3V headphone stereos
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
Pre-power amplifier for headphone stereos
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
Power Amplifier for 1.5V Headphone Stereos?
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Unisonic Technologies
A4533 UTC-A4533 Datasheet
112Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com