Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3528AFP Datasheet (PDF) - Rohm

BA3528AFP Datasheet PDF - Rohm
Part # BA3528AFP
Download  BA3528AFP Download
File Size   258.3 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pre / power amplifier and motor governor for 3V headphone stereos

BA3528AFP Datasheet (PDF)

Go To PDF Page Download Datasheet
BA3528AFP Datasheet PDF - Rohm

Part # BA3528AFP
Download  BA3528AFP Click to download

File Size   258.3 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Pre / power amplifier and motor governor for 3V headphone stereos

BA3528AFP Datasheet (HTML) - Rohm


BA3528AFP Product details

The BA3528AFP and AB3529AFP have been developed for headphone stereos. They run off a 3V power supply, and include dual pre- and power amplifiers, and a motor governor.
The preamplifiers are direct-coupled, and the power amplifiers use a fixed-gain NF circuit. An on-chip VREF amplifier makes output coupling capacitors unnecessary, and the motor governor uses a bridge ratio system to minimize the external parts count and make reliable and compact designs possible.

Features
1) All the functions required for headphone stereo units on a single chip.
2) Preamplifier includes a mute amplifier.
3) Direct-coupled preamplifier.
4) No output coupling capacitors required for the power amplifiers.
5) Power amplifiers do not require oscillation prevention measures.
6) Power amplifier gain allows use of noise reduction (BA3529AFP).

Applications
    3V portable stereo equipment




Similar Part No. - BA3528AFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3513 ROHM-BA3513 Datasheet
124Kb / 7P
3V dual pre / power amplifier
BA3513AFS ROHM-BA3513AFS Datasheet
124Kb / 7P
3V dual pre / power amplifier
BA3516 ROHM-BA3516 Datasheet
95Kb / 5P
3V dual pre/power amplifier
BA3530FS ROHM-BA3530FS Datasheet
77Kb / 6P
Headphone amplifier with internal LPF and EVR for CD-ROM
BA3570F ROHM-BA3570F Datasheet
183Kb / 10P
ALS headphone driver
More results


Similar Description - BA3528AFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
Pre-power amplifier for headphone stereos
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
Pre / power amplifier for 1.5V headphone stereos
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
Power Amplifier for 3V Headphone Stereos
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
Power Amplifier for 1.5V Headphone Stereos?
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
logo
Sony Corporation
CXA1635S SONY-CXA1635S Datasheet
253Kb / 14P
STEREO PRE-AMPLIFIER/POWER-AMPLIGIER WITH 3V GOVERNOR
logo
Panasonic Semiconductor
AN7082K PANASONIC-AN7082K Datasheet
289Kb / 5P
PRE/POWER AMPLIFIER GOVERNOR SINGLE CHIP IC FOR 3V HEADPHONE STEREO
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
Power Amplifier for 1.5V Headphone Stereos
May, 2013
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com