Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3528AFP Datasheet(PDF) 1 Page - Rohm

Part # BA3528AFP
Description  Pre / power amplifier and motor governor for 3V headphone stereos
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3528AFP Datasheet(HTML) 1 Page - Rohm

  BA3528AFP Datasheet HTML 1Page - Rohm BA3528AFP Datasheet HTML 2Page - Rohm BA3528AFP Datasheet HTML 3Page - Rohm BA3528AFP Datasheet HTML 4Page - Rohm BA3528AFP Datasheet HTML 5Page - Rohm BA3528AFP Datasheet HTML 6Page - Rohm BA3528AFP Datasheet HTML 7Page - Rohm BA3528AFP Datasheet HTML 8Page - Rohm BA3528AFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
385
Audio ICs
Pre / power amplifier and motor
governor for 3V headphone stereos
BA3528AFP / BA3529AFP
The BA3528AFP and AB3529AFP have been developed for headphone stereos. They run off a 3V power supply, and
include dual pre- and power amplifiers, and a motor governor.
The preamplifiers are direct-coupled, and the power amplifiers use a fixed-gain NF circuit. An on-chip VREF amplifier
makes output coupling capacitors unnecessary, and the motor governor uses a bridge ratio system to minimize the exter-
nal parts count and make reliable and compact designs possible.
FApplications
3V portable stereo equipment
FFeatures
1) All the functions required for headphone stereo units
on a single chip.
2) Preamplifier includes a mute amplifier.
3) Direct-coupled preamplifier.
4) No output coupling capacitors required for the power
amplifiers.
5) Power amplifiers do not require oscillation prevention
measures.
6) Power amplifier gain allows use of noise reduction
(BA3529AFP).
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA3528AFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3513 ROHM-BA3513 Datasheet
124Kb / 7P
3V dual pre / power amplifier
BA3513AFS ROHM-BA3513AFS Datasheet
124Kb / 7P
3V dual pre / power amplifier
BA3516 ROHM-BA3516 Datasheet
95Kb / 5P
3V dual pre/power amplifier
BA3530FS ROHM-BA3530FS Datasheet
77Kb / 6P
Headphone amplifier with internal LPF and EVR for CD-ROM
BA3570F ROHM-BA3570F Datasheet
183Kb / 10P
ALS headphone driver
More results

Similar Description - BA3528AFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
Pre-power amplifier for headphone stereos
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
Pre / power amplifier for 1.5V headphone stereos
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
Power Amplifier for 3V Headphone Stereos
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
Power Amplifier for 1.5V Headphone Stereos?
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
logo
Sony Corporation
CXA1635S SONY-CXA1635S Datasheet
253Kb / 14P
STEREO PRE-AMPLIFIER/POWER-AMPLIGIER WITH 3V GOVERNOR
logo
Panasonic Semiconductor
AN7082K PANASONIC-AN7082K Datasheet
289Kb / 5P
PRE/POWER AMPLIFIER GOVERNOR SINGLE CHIP IC FOR 3V HEADPHONE STEREO
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
Power Amplifier for 1.5V Headphone Stereos
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com