Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3528AFP Datasheet(PDF) 7 Page - Rohm

Part # BA3528AFP
Description  Pre / power amplifier and motor governor for 3V headphone stereos
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3528AFP Datasheet(HTML) 7 Page - Rohm

Back Button BA3528AFP Datasheet HTML 3Page - Rohm BA3528AFP Datasheet HTML 4Page - Rohm BA3528AFP Datasheet HTML 5Page - Rohm BA3528AFP Datasheet HTML 6Page - Rohm BA3528AFP Datasheet HTML 7Page - Rohm BA3528AFP Datasheet HTML 8Page - Rohm BA3528AFP Datasheet HTML 9Page - Rohm BA3528AFP Datasheet HTML 10Page - Rohm BA3528AFP Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
391
Audio ICs
BA3528AFP / BA3529AFP
(5)
Motor controller circuit
The motor controller circuit uses a resistance bridge to
maintain uniform motor speed regardless of changes in
supply voltage, ambient temperature and load torque.
Speed control is performed by a comparator and a stable
on-chip reference voltage (VREG = 1.23V). See Fig. 6.
FApplication examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com